Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV271 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV271
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV271 Datasheet(HTML) 5 Page - Texas Instruments

  TLV271 Datasheet HTML 1Page - Texas Instruments TLV271 Datasheet HTML 2Page - Texas Instruments TLV271 Datasheet HTML 3Page - Texas Instruments TLV271 Datasheet HTML 4Page - Texas Instruments TLV271 Datasheet HTML 5Page - Texas Instruments TLV271 Datasheet HTML 6Page - Texas Instruments TLV271 Datasheet HTML 7Page - Texas Instruments TLV271 Datasheet HTML 8Page - Texas Instruments TLV271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
5
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and ±5 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VDD/2,
VO = VDD/2,
25
°C
0.5
5
mV
VIO
Input offset voltage
VIC = VDD/2,
RL = 10 kΩ
VO = VDD/2,
RS = 50 Ω
Full range
7
mV
VIO
Offset voltage drift
RL = 10 kΩ,
RS = 50 Ω
25
°C
2
V/
°C
αVIO
Offset voltage drift
RL = 10 k ,
RS = 50
25
°C
2
µV/°C
VIC = 0 to VDD−1.35V,
VDD = 2.7 V
25
°C
58
70
VIC = 0 to VDD−1.35V,
RS = 50 Ω
VDD = 2.7 V
Full range
55
CMRR
Common-mode rejection ratio
VIC = 0 to VDD−1.35V,
VDD = 5 V
25
°C
65
80
dB
CMRR
Common-mode rejection ratio
VIC = 0 to VDD−1.35V,
RS = 50 Ω,
VDD = 5 V
Full range
62
dB
VIC = −5 to VDD−1.35V,
VDD = ±5 V
25
°C
69
85
VIC = −5 to VDD−1.35V,
RS = 50 Ω,
VDD = ±5 V
Full range
66
VDD = 2.7 V
25
°C
97
106
VDD = 2.7 V
Full range
76
AVD
Large-signal differential voltage
VO(PP) = VDD/2,
VDD = 5 V
25
°C
100
110
dB
AVD
Large-signal differential voltage
amplification
VO(PP) = VDD/2,
RL = 10 kΩ
VDD = 5 V
Full range
86
dB
amplification
RL = 10 k
VDD = ±5 V
25
°C
100
115
VDD = ±5 V
Full range
90
† Full range is 0°C to 70°C for C suffix and full range is −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
1
60
IIO
Input offset current
70
°C
100
pA
IIO
Input offset current
VDD = 5 V,
VIC = VDD/2,
125
°C
1000
pA
VDD = 5 V,
VIC = VDD/2,
VO = VDD/2, RS = 50 Ω
25
°C
1
60
IIB
Input bias current
VO = VDD/2, RS = 50
70
°C
100
pA
IIB
Input bias current
125
°C
1000
pA
ri(d)
Differential input resistance
25
°C
1000
G
CIC
Common-mode input capacitance
f = 21 kHz
25
°C
8
pF


Similar Part No. - TLV271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV271 TI-TLV271 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
972Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
logo
Texas Instruments
TLV271 TI1-TLV271 Datasheet
1Mb / 36P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
TLV271 TI1-TLV271 Datasheet
1Mb / 28P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
More results

Similar Description - TLV271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP186 AD-OP186 Datasheet
189Kb / 12P
   5 uA, Rail-to-Rail Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com