Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX208IDBE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MAX208IDBE4
Description  MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX208IDBE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX208IDBE4 Datasheet HTML 4Page - Texas Instruments MAX208IDBE4 Datasheet HTML 5Page - Texas Instruments MAX208IDBE4 Datasheet HTML 6Page - Texas Instruments MAX208IDBE4 Datasheet HTML 7Page - Texas Instruments MAX208IDBE4 Datasheet HTML 8Page - Texas Instruments MAX208IDBE4 Datasheet HTML 9Page - Texas Instruments MAX208IDBE4 Datasheet HTML 10Page - Texas Instruments MAX208IDBE4 Datasheet HTML 11Page - Texas Instruments MAX208IDBE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Capacitor Selection
ESD Protection
ESD Test Conditions
Human-Body Model (HBM)
-
+
DUT
RD
1.5 kW
VHBM
100 pF
CS
MAX208
SLLS596C – OCTOBER 2003 – REVISED AUGUST 2009 ................................................................................................................................................ www.ti.com
The capacitor type used for C1–C4 is not critical for proper operation. The MAX208 requires 0.1-
µF capacitors,
although capacitors up to 10
µF can be used without harm. Ceramic dielectrics are suggested for the 0.1-µF
capacitors. When using the minimum recommended capacitor values, ensure that the capacitance value does
not degrade excessively as the operating temperature varies. If in doubt, use capacitors with a larger (e.g., 2×)
nominal value. The capacitors' effective series resistance (ESR), which usually rises at low temperatures,
influences the amount of ripple on V+ and V–.
Use larger capacitors (up to 10
µF) to reduce the output impedance at V+ and V–.
Bypass VCC to ground with at least 0.1 µF. In applications sensitive to power-supply noise generated by the
charge pumps, decouple VCC to ground with a capacitor the same size as (or larger than) the charge-pump
capacitors (C1 to C4).
TI MAX208 devices have standard ESD protection structures incorporated on the pins to protect against
electrostatic discharges encountered during assembly and handling. In addition, the RS232 bus pins (driver
outputs and receiver inputs) of these devices have an extra level of ESD protection. Advanced ESD structures
were designed to successfully protect these bus pins against ESD discharge of ±15 kV when powered down.
ESD testing is stringently performed by TI, based on various conditions and procedures. Please contact TI for a
reliability report that documents test setup, methodology, and results.
The HBM of ESD testing is shown in Figure 5, while Figure 6 shows the current waveform that is generated
during a discharge into a low impedance. The model consists of a 100-pF capacitor, charged to the ESD voltage
of concern and subsequently discharged into the DUT through a 1.5-k
Ω resistor.
Figure 5. HBM ESD Test Circuit
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX208


Similar Part No. - MAX208IDBE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX208IDBE4 TI-MAX208IDBE4 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
More results

Similar Description - MAX208IDBE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208 Datasheet
287Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com