Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX208IDBG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MAX208IDBG4
Description  MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX208IDBG4 Datasheet(HTML) 3 Page - Texas Instruments

  MAX208IDBG4 Datasheet HTML 1Page - Texas Instruments MAX208IDBG4 Datasheet HTML 2Page - Texas Instruments MAX208IDBG4 Datasheet HTML 3Page - Texas Instruments MAX208IDBG4 Datasheet HTML 4Page - Texas Instruments MAX208IDBG4 Datasheet HTML 5Page - Texas Instruments MAX208IDBG4 Datasheet HTML 6Page - Texas Instruments MAX208IDBG4 Datasheet HTML 7Page - Texas Instruments MAX208IDBG4 Datasheet HTML 8Page - Texas Instruments MAX208IDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
MAX208
www.ti.com ................................................................................................................................................ SLLS596C – OCTOBER 2003 – REVISED AUGUST 2009
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage range(2)
–0.3 V to 6 V
V+
Positive charge pump voltage range(2)
VCC – 0.3 V to 14 V
V–
Negative charge pump voltage range(2)
–14 V to 0.3 V
V+ – V–
Supply voltage difference(2)
13 V
Drivers
–0.3 V to V+ + 0.3 V
VI
Input voltage range
Receivers
±30 V
Drivers
V– – 0.3 V to V+ + 0.3 V
VO
Output voltage range
Receivers
–0.3 V to VCC + 0.3 V
Short-circuit duration on DOUT
Continuous
DB package
63°C/W
θ
JA
Package thermal impedance(3)(4)
DW package
46°C/W
TJ
Operating virtual-junction temperature
150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
C1 to C4 = 0.1
µF at V
CC = 5 V ± 0.5 V (see Figure 4)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
Driver high-level input voltage
DIN
2
V
VIL
Driver low-level input voltage
DIN
0.8
V
Driver input voltage
DIN
0
5.5
VI
V
Receiver input voltage
–30
30
MAX208C
0
70
TA
Operating free-air temperature
°C
MAX208I
–40
85
C1 to C4 = 0.1
µF at V
CC = 5 V ± 0.5 V (see Figure 4), over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
No load, VCC = 5 V, TA = 25°C
11
20
mA
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): MAX208


Similar Part No. - MAX208IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX208IDB TI-MAX208IDB Datasheet
287Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208IDB TI-MAX208IDB Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208IDBE4 TI-MAX208IDBE4 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208IDBR TI-MAX208IDBR Datasheet
287Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208IDBR TI-MAX208IDBR Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
More results

Similar Description - MAX208IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208 Datasheet
287Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com