Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3238ICDWR Datasheet(PDF) 5 Page - Texas Instruments

Part # MAX3238ICDWR
Description  LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3238ICDWR Datasheet(HTML) 5 Page - Texas Instruments

  MAX3238ICDWR Datasheet HTML 1Page - Texas Instruments MAX3238ICDWR Datasheet HTML 2Page - Texas Instruments MAX3238ICDWR Datasheet HTML 3Page - Texas Instruments MAX3238ICDWR Datasheet HTML 4Page - Texas Instruments MAX3238ICDWR Datasheet HTML 5Page - Texas Instruments MAX3238ICDWR Datasheet HTML 6Page - Texas Instruments MAX3238ICDWR Datasheet HTML 7Page - Texas Instruments MAX3238ICDWR Datasheet HTML 8Page - Texas Instruments MAX3238ICDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
MAX3238E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS710A – FEBRUARY 2006 – REVISED APRIL 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.3
6
V
V+
Positive-output supply voltage range(2)
–0.3
7
V
V–
Negative-output supply voltage range(2)
0.3
–7
V
V+ – V–
Supply voltage difference(2)
13
V
Driver (FORCEOFF, FORCEON)
–0.3
6
VI
Input voltage range
V
Receiver
–25
25
Driver
–13.2
13.2
VO
Output voltage range
V
Receiver (INVALID)
–0.3
VCC + 0.3
DB package
62
DW package
46
θ
JA
Package thermal impedance(3)(4)
°C/W
PW package
62
RHB package
TBD
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
See Figure 6
MIN NOM
MAX
UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
5.5
DIN, FORCEOFF,
VIH
Driver and control high-level input voltage
V
FORCEON
VCC = 5 V
2.4
5.5
VIL
Driver and control low-level input voltage
DIN, FORCEOFF, FORCEON
0
0.8
V
VI
Receiver input voltage
–25
25
V
MAX3238EC
0
70
TA
Operating free-air temperature
°C
MAX3238EI
–40
85
(1)
Testing supply conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.15 V; C1–C4 = 0.22 µF at VCC = 3.3 V ± 0.3 V; and C1 = 0.047 µF
and C2–C4 = 0.33
µF at V
CC = 5 V ± 0.5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
II
Input leakage current
FORCEOFF, FORCEON
±0.01
±1
µA
Auto-powerdown plus
No load,
0.5
2
mA
disabled
FORCEOFF and FORCEON at VCC
Supply current
Powered off
No load, FORCEOFF at GND
1
10
ICC
(TA = 25°C)
No load, FORCEOFF at VCC,
µA
Auto-powerdown plus
FORCEON at GND,
1
10
enabled
All RIN are open or grounded
(1)
Testing supply conditions are C1–C4 = 0.1
µF at V
CC = 3.3 V ± 0.15 V; C1–C4 = 0.22 µF at VCC = 3.3 V ± 0.3 V; and C1 = 0.047 µF
and C2–C4 = 0.33
µF at V
CC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
5
Submit Documentation Feedback


Similar Part No. - MAX3238ICDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238ICDWR TI-MAX3238ICDWR Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results

Similar Description - MAX3238ICDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3243-EP TI1-MAX3243-EP_16 Datasheet
793Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5V MULTICHANNEL RS-232 LINE DRIVER RECEIVER WITH 15-kV ESD(HBM) PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com