Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5452N Datasheet(PDF) 2 Page - Texas Instruments

Part # MM5452N
Description  Liquid Crystal Display Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MM5452N Datasheet(HTML) 2 Page - Texas Instruments

  MM5452N Datasheet HTML 1Page - Texas Instruments MM5452N Datasheet HTML 2Page - Texas Instruments MM5452N Datasheet HTML 3Page - Texas Instruments MM5452N Datasheet HTML 4Page - Texas Instruments MM5452N Datasheet HTML 5Page - Texas Instruments MM5452N Datasheet HTML 6Page - Texas Instruments MM5452N Datasheet HTML 7Page - Texas Instruments MM5452N Datasheet HTML 8Page - Texas Instruments MM5452N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MM5452, MM5453
SNLS367C – FEBRUARY 1995 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Voltage at Any Pin, Referenced to Gnd
-0.3V to +10V
Storage Temperature
-65°C to +150°C
Power Dissipation at 25°C
350mW
Power Dissipation at 70°C
300mW
Junction Temperature
+150°C
Lead Temperature
(Soldering, 10s)
300°C
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
Recommended Operating Conditions
VDD
3V to 10V
Operating Temperature
−40°C to 85°C
Electrical Characteristics
TA within operating range, VDD = 3.0V to 10V, VSS = 0V unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage, VDD
3
10
V
Average Supply Current, IDD
All Outputs Open, Clock=Gnd,
Data=Gnd,OSC=Gnd, BP_IN @ 32Hz
VDD= 5V
10
µA
VDD= 10V
40
µA
Input Logical '0' Voltage, VIL
VDD= 3V
0.4
V
VDD= 5V
0.8
V
VDD= 10V
0.8
V
Input Logical '1' Voltage, VIH
VDD= 3V
2.0
V
VDD= 5V
2.0
V
VDD= 10V
8.0
V
Segment Sink Current, IOL
VDD= 3V, VOUT= 0.3V
-20
-40
µA
Segment Source Current, IOH
VDD= 3V, VOUT= 2.7V
20
40
µA
Backplane Out Sink Current, IOL
VDD= 3V, VOUT= 0.3V
-320
-500
µA
Backplane Out Source Current,
VDD= 3V, VOUT= 2.7V
320
500
µA
IOH
Segment Output Offset Voltage
Segment Load = 250pF (1)
+/-50
mV
Backplane Output Offset Voltage Backplane Load = 8750pF (1)
+/-50
mV
Backplane Out Frequency
ROSC_IN= 50kΩ, COSC_IN= 0.01µF
75
Hz
Clock Input Frequency, fCLOCK
(2)
VDD= 3V
(1) (3)
500
kHz
VDD= 5V
(1)
750
kHz
VDD= 10V
(1)
1.0
MHz
Clock Input Duty Cycle(2)
40
60
%
Data Input Set-Up Time, tDS
300
ns
Data Input Hold Time, tDH
300
ns
DataEnable Set-up Time, tDES
100
ns
(1)
This parameter is ensured (but not production tested) over the operating temperature range and the operating supply voltage range. Not
to be used in Q.A. testing.
(2)
Clock input rise time (tr) and fall time (tf) must not exceed 300ns
(3)
AC input waveform for test purposes: tr≤ 20ns, tf≤ 20ns, fCLOCK= 500kHz, Duty Cycle = 50% ±10%
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: MM5452 MM5453


Similar Part No. - MM5452N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5452N NSC-MM5452N Datasheet
190Kb / 8P
   Liquid Crystal Display Drivers
MM5452N NSC-MM5452N Datasheet
315Kb / 9P
   Liquid Crystal Display Drivers
More results

Similar Description - MM5452N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5452 NSC-MM5452 Datasheet
190Kb / 8P
   Liquid Crystal Display Drivers
MM5452 NSC-MM5452_01 Datasheet
315Kb / 9P
   Liquid Crystal Display Drivers
logo
STMicroelectronics
HCC4054B STMICROELECTRONICS-HCC4054B Datasheet
334Kb / 15P
   LIQUID-CRYSTAL DISPLAY DRIVERS
logo
Texas Instruments
CD4054B TI-CD4054B Datasheet
311Kb / 6P
[Old version datasheet]   CMOS LIQUID-CRYSTAL DISPLAY DRIVERS
CD4055BPWRG4 TI-CD4055BPWRG4 Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054BPWR TI1-CD4054BPWR Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054B TI1-CD4054B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054B TI-CD4054B_12 Datasheet
1,002Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
logo
List of Unclassifed Man...
S1D15605 ETC2-S1D15605 Datasheet
573Kb / 87P
   Single-chip dot matrix liquid crystal display drivers
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com