Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF1004 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF1004
Description  1.2V and 2.5V Micropower VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF1004 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF1004 Datasheet HTML 4Page - Texas Instruments REF1004 Datasheet HTML 5Page - Texas Instruments REF1004 Datasheet HTML 6Page - Texas Instruments REF1004 Datasheet HTML 7Page - Texas Instruments REF1004 Datasheet HTML 8Page - Texas Instruments REF1004 Datasheet HTML 9Page - Texas Instruments REF1004 Datasheet HTML 10Page - Texas Instruments REF1004 Datasheet HTML 11Page - Texas Instruments REF1004 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF1004C-1.2/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
REF1004C-2.5/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
REF1004I-1.2/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
REF1004I-2.5/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1


Similar Part No. - REF1004

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
REF1004 BURR-BROWN-REF1004 Datasheet
249Kb / 12P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
REF1004C-1.2 BURR-BROWN-REF1004C-1.2 Datasheet
82Kb / 9P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
REF1004C-1.2 BURR-BROWN-REF1004C-1.2 Datasheet
285Kb / 13P
   EVALUATION FIXTURE
REF1004C-1.2/2K5 BURR-BROWN-REF1004C-1.2/2K5 Datasheet
82Kb / 9P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
More results

Similar Description - REF1004

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF1004 BURR-BROWN-REF1004_08 Datasheet
249Kb / 12P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
REF1004 BURR-BROWN-REF1004 Datasheet
82Kb / 9P
   1.2V and 2.5V Micropower VOLTAGE REFERENCE
logo
Sipex Corporation
SPX1004 SIPEX-SPX1004 Datasheet
176Kb / 5P
   1.2V / 2.5V Micropower Voltage Reference
SPX1004 SIPEX-SPX1004_07 Datasheet
793Kb / 9P
   1.2V / 2.5V Micropower Voltage Reference
logo
Microsemi Corporation
LX1004 MICROSEMI-LX1004 Datasheet
151Kb / 7P
   1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
   2.5V micropower shunt voltage reference
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
logo
List of Unclassifed Man...
LM385 ETC-LM385 Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
   1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com