Electronic Components Datasheet Search |
|
MAX3223IDWG4 Datasheet(PDF) 8 Page - Texas Instruments |
|
MAX3223IDWG4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 22 page MAX3223 3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER WITH ±15kV ESD PROTECTION SLLS409K − JANUARY 2000 − REVISED MARCH 2004 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 50 Ω TEST CIRCUIT VOLTAGE WAVEFORMS 0 V 3 V Output Input VOL VOH tPLH Generator (see Note B) RL 3 V FORCEOFF RS-232 Output tPHL CL (see Note A) NOTES: A. CL includes probe and jig capacitance. B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns. 50% 50% 1.5 V 1.5 V Figure 2. Driver Pulse Skew TEST CIRCUIT VOLTAGE WAVEFORMS 50 Ω 50% 50% −3 V 3 V 1.5 V 1.5 V Output Input VOL VOH tPHL Generator (see Note B) tPLH Output EN 0 V CL (see Note A) NOTES: A. CL includes probe and jig capacitance. B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns. 0 V FORCEOFF Figure 3. Receiver Propagation Delay Times TEST CIRCUIT VOLTAGE WAVEFORMS 50 Ω Generator (see Note B) 3 V or 0 V Output VOL VOH tPHZ (S1 at GND) tPLZ (S1 at VCC) tPZL (S1 at VCC) 1.5 V 1.5 V 3 V 0 V 50% 0.3 V Output Input 50% 0.3 V EN FORCEON 3 V or 0 V RL S1 VCC GND CL (see Note A) Output NOTES: A. CL includes probe and jig capacitance. B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns. tPHZ (S1 at GND) Figure 4. Receiver Enable and Disable Times |
Similar Part No. - MAX3223IDWG4 |
|
Similar Description - MAX3223IDWG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |