Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLQ8181EBLM Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLQ8181EBLM
Description  100m 40G Ethernet CFP Optical Transceiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLQ8181EBLM Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLQ8181EBLM Datasheet HTML 1Page - Finisar Corporation. FTLQ8181EBLM Datasheet HTML 2Page - Finisar Corporation. FTLQ8181EBLM Datasheet HTML 3Page - Finisar Corporation. FTLQ8181EBLM Datasheet HTML 4Page - Finisar Corporation. FTLQ8181EBLM Datasheet HTML 5Page - Finisar Corporation. FTLQ8181EBLM Datasheet HTML 6Page - Finisar Corporation. FTLQ8181EBLM Datasheet HTML 7Page - Finisar Corporation. FTLQ8181EBLM Datasheet HTML 8Page - Finisar Corporation. FTLQ8181EBLM Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FTLQ8181EBLM Product Specification – October 2014
 Finisar Corporation – 11-Oct-14 Rev. C2 Finisar Confidential
Page 5
III.
Electrical Characteristics (TOP = 0 to 70 C, VCC = 3.13 to 3.47 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.13
3.47
V
Supply Current
Icc
1.74
A
Module total power
P
6
W
1
Transmitter
Signaling rate per lane
10.3125
Gb/s
2
Input differential impedance
Rin
100

3
Differential data input swing per lane
Vin,pp
760
mV
4
Data input rise time tolerance
tr
24
ps
5
Data input rise time tolerance
tf
24
ps
5
Electrical input eye mask definition
{X1, X2}
{Y1, Y2}
{0.31, 0.5}
{42.5, 425}
UI
mV
Receiver
Signaling rate per lane
10.3125
Gb/s
2
Differential data output swing per lane
Vout,pp
760
mV
Data output rise time
tr
24
ps
5
Data output fall time
tf
24
ps
5
Electrical output eye mask definition
{X1, X2}
{Y1, Y2}
{0.2, 0.5}
{136, 380}
UI
mV
Power Supply Noise Tolerance
Vrip
See Note 5 below
6
Notes:
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
+/- 100ppm
3.
After internal AC coupling.
4.
Host is expected to be compliant with IEEE 802.3ba, clause 83A.
5.
20% to 80%
6.
Per Table 4-1 in the CFP MSA Specification
1.
FTLQ8181EBLM Clocking Signals
Clock
Name
Status
I/O
Value
REFCLK
Not Required
I
N/A
TX_MCLK
Not Supported
O
N/A
RX_MCLK
Not Supported
O
N/A


Similar Part No. - FTLQ8181EBLM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLQ1381N7NL FINISAR-FTLQ1381N7NL Datasheet
353Kb / 13P
   40G NRZ VSR Multi-Rate CFP Optical Transceiver Module
More results

Similar Description - FTLQ8181EBLM

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLQ1381N7NL FINISAR-FTLQ1381N7NL Datasheet
353Kb / 13P
   40G NRZ VSR Multi-Rate CFP Optical Transceiver Module
FTLD10CE3C FINISAR-FTLD10CE3C Datasheet
686Kb / 12P
   100GBASE-SR10 100m CXP Optical Transceiver Module
FTL414QB2C FINISAR-FTL414QB2C Datasheet
514Kb / 9P
   56Gbps 60/100m QSFP Optical Transceiver Module
FTLD10CE1C FINISAR-FTLD10CE1C Datasheet
464Kb / 10P
   100GBASE-SR10 100m CXP Optical Transceiver Module
FTLC8221SCNM FINISAR-FTLC8221SCNM Datasheet
406Kb / 11P
   100m Multi-rate 100GE CFP2 Optical Transceiver Module
FTL410QE2C FINISAR-FTL410QE2C Datasheet
560Kb / 9P
   40BASE-SR4 100m QSFP Gen2 Optical Transceiver Module
FTLC9152RGPL FINISAR-FTLC9152RGPL Datasheet
347Kb / 7P
   100m 100G QSFP28 SWDM4 Optical Transceiver
logo
OPLINK Communications I...
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
   40GBASE-LR4 CFP Transceiver
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
   40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTLC9551REPM FINISAR-FTLC9551REPM Datasheet
483Kb / 7P
   100m Parallel MMF 100G QSFP28 Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com