Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX1871D3BCL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX1871D3BCL
Description  10Gb/s 80km Single Mode SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1871D3BCL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX1871D3BCL Datasheet HTML 1Page - Finisar Corporation. FTLX1871D3BCL Datasheet HTML 2Page - Finisar Corporation. FTLX1871D3BCL Datasheet HTML 3Page - Finisar Corporation. FTLX1871D3BCL Datasheet HTML 4Page - Finisar Corporation. FTLX1871D3BCL Datasheet HTML 5Page - Finisar Corporation. FTLX1871D3BCL Datasheet HTML 6Page - Finisar Corporation. FTLX1871D3BCL Datasheet HTML 7Page - Finisar Corporation. FTLX1871D3BCL Datasheet HTML 8Page - Finisar Corporation. FTLX1871D3BCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FTLX1871D3BCL Product Specification
 Finisar Corporation - September 2015
Rev. C1
Page 4
IV. Optical Characteristics (TOP = -5 to 70 C, VCC = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter (Tx)
Average Launch Power
PAVE
0
4
dBm
Optical Wavelength
1530
1565
nm
Side-Mode Suppression Ratio
SMSR
30
dB
Optical Extinction Ratio
ER
9
dB
Average Launch power when Tx is OFF
POFF
-30
dBm
Relative Intensity Noise
RIN
-128
dB/Hz
Receiver (Rx)
Optical Center Wavelength
C
1260
1600
nm
Receiver Reflectance
Rrx
-27
dB
Sensitivity
(0km)
Bit Rate (Gb/s)
BER
8.5, 9.95-10.7
<10
-12
RSENS1
-24
dBm
1,2
11.1
<10
-12
RSENS2
-23
dBm
1
<10
-4
RSENS3
-27
dBm
1
11.3
<10
-4
RSENS4
-27
dBm
1
Sensitivity
(80km)
8.5, 9.95-10.7
<10
-12
RSENS5
-22
dBm
1,2,3
11.1
<10
-4
RSENS6
-25
dBm
1,3
Overload (Average Power)
PAVE
-7
dBm
LOS De-Assert
LOSD
-28
dBm
LOS Assert
LOSA
-37
-30
dBm
LOS Hysteresis
LOSH
0.5
dB
Notes:
1.
Measured with worst ER=9 dB; PRBS 2
31 – 1.
2.
For 10GEthernet application, -24dBm is equivalent to an OMA of -22.09dBm for an ER = 9 dB.
3.
The receiver sensitivity over fiber may vary depending on the host’s clock and data recovery model.
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate
BR
8.5
11.3168
Gb/s
1
Max. Supported Link Length
LMAX
80
km
2
Notes:
1.
Tested with a 2
31 – 1 PRBS pattern at the BER defined in Table IV.
2.
Over G.652 single mode fiber.
Timing Parameters
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Time to initialize
t_start_up
10
s
VI.
Environmental Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-5
70
°C
Storage Temperature
Tsto
-40
85
°C


Similar Part No. - FTLX1871D3BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
More results

Similar Description - FTLX1871D3BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-CW49-01 PULSE-SFPPT-CW49-01 Datasheet
353Kb / 8P
   10Gb/s CWDM SFP 80km Transceiver
logo
Finisar Corporation.
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
logo
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
   155Mbps Single Mode SFP Transceiver (80km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com