Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX8574D3BCV Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLX8574D3BCV
Description  1G/10G 850nmMultimode Datacom SFP Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX8574D3BCV Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLX8574D3BCV Datasheet HTML 1Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 2Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 3Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 4Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 5Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 6Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 7Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 8Page - Finisar Corporation. FTLX8574D3BCV Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FTLX8574D3BCV Product Specification
 Finisar Corporation - June 2015
Rev. B
Page 5
V.
Optical Characteristics for RS0 = HIGH (10G Operation)
(TOP = -5 to 70 °C, VCC = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Optical Modulation Amplitude
(OMA)
POMA
-1.5
dBm
1
Average Launch Power
PAVE
-5
-1
dBm
2
Optical Wavelength
λ
840
850
860
nm
1
RMS Spectral Width
∆λ
rms
0.45
dB
1
Optical Extinction Ratio
ER
3.0
5.5
dB
Transmitter and Dispersion Penalty
TDP
3.9
dB
Average Launch power of OFF
transmitter
POFF
-30
dBm
Tx Jitter
Txj
Per IEEE 802.3-2012 requirements
Encircled Flux
<4.5
µm
30
%
3
<19
µm
86
Relative Intensity Noise
RIN12OMA
-128
dB/Hz
Receiver
Receiver Sensitivity (OMA)
@ 10.3Gb/s
RSENS1
-11.1
dBm
4
Stressed Receiver Sensitivity
(OMA) @ 10.3Gb/s
RSENS2
-7.5
dBm
5
Maximum Input Power
PMAX
+0.5
dBm
Wavelength Range
λ
C
840
860
nm
Receiver Reflectance
Rrx
-12
dB
LOS De-Assert
LOSD
-14
dBm
LOS Assert
LOSA
-30
-23
dBm
LOS Hysteresis
0.5
dB
Notes:
1.
Per Tradeoff Table 52.8, IEEE 802.3-2012
2.
Average Power figures are informative only, per IEEE802.3-2012.
3.
Measured into Type A1a (50/12
5 μm multimode) fiber per ANSI/TIA/EIA-455-203-2.
4.
Measured with worst ER; BER<10
-12; 231 – 1 PRBS.
5.
Per IEEE 802.3-2012.


Similar Part No. - FTLX8574D3BCV

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FTLX8574D3BCV-C ATGBICS-FTLX8574D3BCV-C Datasheet
377Kb / 10P
   FTLX8574D3BCV Finisar Compatible Transceiver SFP 1.25/10GBase-SR (850nm, MMF, 300m, DOM)
FTLX8574D3BCV-IT-C ATGBICS-FTLX8574D3BCV-IT-C Datasheet
378Kb / 10P
   FTLX8574D3BCV-IT Finisar Compatible Transceiver SFP 1.25/10GBase-SR (850nm, MMF, 300m, DOM)
FTLX8574D3BCV-S5-C ATGBICS-FTLX8574D3BCV-S5-C Datasheet
378Kb / 10P
   FTLX8574D3BCV-S5 Finisar Compatible Transceiver SFP 1.25/10GBase-SR (850nm, MMF, 300m, DOM)
FTLX8574D3BCV-SU-C ATGBICS-FTLX8574D3BCV-SU-C Datasheet
378Kb / 10P
   FTLX8574D3BCV-SU Finisar Compatible Transceiver SFP 1.25/10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - FTLX8574D3BCV

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX8571D3BCV FINISAR-FTLX8571D3BCV Datasheet
757Kb / 13P
   RoHS-6 Compliant 1G/10G 850nmMultimode Datacom SFP Transceiver
FTLX8574D3BCL FINISAR-FTLX8574D3BCL Datasheet
793Kb / 12P
   10Gb/s 850nmMultimode Datacom SFP Transceiver
FTLX1471D3BCV FINISAR-FTLX1471D3BCV Datasheet
686Kb / 14P
   RoHS-6 Compliant 1G/10G 10km Datacom SFP Transceiver
logo
Source Photonics, Inc.
FTM-811XC-L03DG SOURCE-FTM-811XC-L03DG Datasheet
260Kb / 13P
   10G 850nm SFP Transceiver
FTM-311XC-L10DG SOURCE-FTM-311XC-L10DG Datasheet
275Kb / 13P
   10G 1310nm SFP Transceiver
logo
Finisar Corporation.
FTLX8574D3BNL FINISAR-FTLX8574D3BNL Datasheet
547Kb / 12P
   ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
   1G節?.5Gbps Spring-latch SFP Transceiver
logo
PHOENIX CONTACT
1334210 PHOENIX-1334210 Datasheet
780Kb / 22P
   Transceiver - FOC-TRX-SFP-1G-SX-IT
1334213 PHOENIX-1334213 Datasheet
416Kb / 11P
   Transceiver - FOC-TRX-SFP-1G-LX-IT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com