Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTL4C1QL1L Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTL4C1QL1L
Description  40GBASE-LR4 QSFP Optical Transceiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C1QL1L Datasheet(HTML) 5 Page - Finisar Corporation.

  FTL4C1QL1L Datasheet HTML 1Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 2Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 3Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 4Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 5Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 6Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 7Page - Finisar Corporation. FTL4C1QL1L Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FTL4C1QL1L Product Specification
 Finisar Corporation October 2015
Rev C1
Page 5
Power Supply Ripple Tolerance
PSR
50
mVpp
U
Notes
U
:
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
From power-on and end of any fault conditions.
3.
After internal AC coupling. Self-biasing 100 differential input.
4.
10 MHz to 11.1 GHz range.
5.
Hit ratio = 5 x 10E-5.
6.
AC coupled with 100 differential output impedance.
7.
Output voltage is settable in 4 discrete steps via I2C. Default is 400 – 800 mV.
V.
2B
Optical Characteristics (TOP = 0 to 70C, VCC = 3.1 to 3.47 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Signaling Speed per Lane
10.3125
GBd
1
Lane center wavelengths (range)
1264.5 – 1277.5
1284.5 – 1297.5
1304.5 – 1317.5
1324.5 – 1337.5
nm
Total Average Launch Power
POUT
8.3
dBm
Transmit OMA per Lane
TxOMA
-4.0
3.5
dBm
Average Launch Power per Lane
TXPx
-7.0
2.3
dBm
2
Optical Extinction Ratio
ER
3.5
dB
Sidemode Suppression ratio
SSRmin
30
dB
Average launch power of OFF
transmitter, per lane
-30
dBm
Relative Intensity Noise
RIN
-128
dB/Hz
3
Optical Return Loss Tolerance
20
dB
Transmitter Reflectance
-12
dB
Transmitter eye mask definition {X1,
X2, X3, Y1, Y2, Y3}
{0.25, 0.4, 0.45, 0.25, 0.28, 0.4}
Receiver
Signaling Speed per Lane
10.3125
GBd
4
Lane center wavelengths (range)
1264.5 – 1277.5
1284.5 – 1297.5
1304.5 – 1317.5
1324.5 – 1337.5
nm
Receive Power (OMA) per Lane
RxOMA
3.5
dBm
Average Receive Power per Lane
RXPx
-13.7
2.3
dBm
5
Receiver Sensitivity (OMA) per Lane
Rxsens
-11.5
dBm
Stressed Receiver Sensitivity (OMA)
per Lane
SRS
-9.6
dBm
Damage Threshold per Lane
PMAX
3.4
dBm
Return Loss
RL
-26
dB
Vertical eye closure penalty, per lane
1.9
dB
Receive electrical 3 dB upper cutoff
frequency, per lane
12.3
GHz
LOS De-Assert
LOSD
-15
dBm
LOS Assert
LOSA
-28
dBm
LOS Hysteresis
1
dB


Similar Part No. - FTL4C1QL1L

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
More results

Similar Description - FTL4C1QL1L

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
logo
OPLINK Communications I...
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
   40GBASE-LR4 CFP Transceiver
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
   40GBASE-LR4 CFP Transceiver
CFPXXL4L2C000O3G OPLINK-CFPXXL4L2C000O3G Datasheet
143Kb / 1P
   Multirate 40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTLC1151RDPL FINISAR-FTLC1151RDPL Datasheet
632Kb / 7P
   10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
   10km 100GBASE-LR4 CFP2 Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com