Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-I11-112A-03 Datasheet(PDF) 3 Page - Texas Instruments

Part # RI-I11-112A-03
Description  RI-I11-112x-03 Tag-it??HF-I Plus Transponder Inlays Square
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-I11-112A-03 Datasheet(HTML) 3 Page - Texas Instruments

  RI-I11-112A-03_16 Datasheet HTML 1Page - Texas Instruments RI-I11-112A-03_16 Datasheet HTML 2Page - Texas Instruments RI-I11-112A-03_16 Datasheet HTML 3Page - Texas Instruments RI-I11-112A-03_16 Datasheet HTML 4Page - Texas Instruments RI-I11-112A-03_16 Datasheet HTML 5Page - Texas Instruments RI-I11-112A-03_16 Datasheet HTML 6Page - Texas Instruments RI-I11-112A-03_16 Datasheet HTML 7Page - Texas Instruments RI-I11-112A-03_16 Datasheet HTML 8Page - Texas Instruments RI-I11-112A-03_16 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Block #
1
2
3
62
63
64
DSFID
AFI
IC Version
32 bits
F U
X
User data
(2048 bits)
UID Number
(64 bits)
Application
Configuration
Factory programmed
F = Factory Lock, U = User Lock
Lock Bits
Not Recommended for New Designs
RI-I11-112A-03, RI-I11-112B-03
www.ti.com
SCBS824B – DECEMBER 2002 – REVISED JUNE 2014
5 Pin Configuration and Functions
Memory Organization
6 Specifications
Table 1. Specifications(1)
PART NUMBER
RI-I11-112A-03
RI-I11-112B-03
Supported standard
ISO/IEC 15693-2, -3; ISO/IEC 18000-3
Recommended operating frequency
13.56 MHz
13.86 MHz ±200 kHz
14.4 MHz ±200 kHz
Passive resonance frequency (at 25°C)
(includes frequency offset to
(includes frequency offset to
compensate further integration into paper)
compensate PVC lamination)
Typical required activation field strength to read (at 25°C)
98 dB
μA/m(2)
98 dB
μA/m(3)
Typical required activation field strength to write (at 25°C)
101 dB
μA/m(2)
101 dB
μA/m(3)
Factory-programmed read-only number
64 bits
Memory (user programmable)
2k bits organized in 64 blocks × 32-Bit
Typical programming cycles (at 25°C)
100,000
Data retention time (at 55°C)
>10 years
Simultaneous identification of tags
Up to 50 tags per second (reader/antenna dependent)
Antenna size
45 mm × 45 mm (~1.77 in × ~1.77 in)
Foil width
48 mm ± 0.5 mm (1.89 in ± 0.02 in)
Foil pitch
50.8 mm +0.1 mm/–0.4 mm (2 in)
Chip area: 0.34 mm ±0.02
Thickness
Antenna area (Al both sides): 0.085 mm ±0.01
Antenna area (Al one side): 0.075 mm ±0.008
Base material
Substrate: PET (polyethylenetherephtalate); Antenna: aluminum
Smallest bending radius allowed
18 mm (~0.71 in)
Operating temperature
–25°C to 70°C
Storage temperature (single inlay)
–40°C to 85°C (warpage may occur at upper temperature range)
Storage temperature (on reel)
–40°C to 40°C
(1)
For highest possible read-out coverage, operate readers at a modulation depth of 20% or higher.
(2)
After integration into paper
(3)
After PVC lamination
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: RI-I11-112A-03 RI-I11-112B-03


Similar Part No. - RI-I11-112A-03_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I11-112A-03 TI-RI-I11-112A-03_12 Datasheet
119Kb / 5P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS SQUARE
More results

Similar Description - RI-I11-112A-03_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I11-112A-03 TI-RI-I11-112A-03 Datasheet
56Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS SQUARE
RI-I11-112A-03 TI-RI-I11-112A-03_12 Datasheet
119Kb / 5P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS SQUARE
RI-I17-112A-03 TI-RI-I17-112A-03_10 Datasheet
105Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS CD
RI-I11-114A-01 TI-RI-I11-114A-01_11 Datasheet
166Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS SQUARE
RI-I11-114A-S1 TI-RI-I11-114A-S1_11 Datasheet
169Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS SQUARE
RI-I11-114A-01 TI-RI-I11-114A-01 Datasheet
50Kb / 4P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS SQUARE
RI-I11-114A-S1 TI-RI-I11-114A-S1 Datasheet
108Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS SQUARE
RI-I17-112A-03 TI-RI-I17-112A-03 Datasheet
79Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS CD
RI-I02-112A-03 TI-RI-I02-112A-03 Datasheet
56Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS LARGE RECTANGLE
RI-I03-112A-03 TI-RI-I03-112A-03_10 Datasheet
75Kb / 5P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS MINIATURE RECTANGLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com