Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-ANT-S02C-00 Datasheet(PDF) 4 Page - Texas Instruments

Part # RI-ANT-S02C-00
Description  SERIES 2000 STICK ANTENNA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-ANT-S02C-00 Datasheet(HTML) 4 Page - Texas Instruments

  RI-ANT-S02C-00 Datasheet HTML 1Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 2Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 3Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 4Page - Texas Instruments RI-ANT-S02C-00 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-May-2016
Addendum-Page 2
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - RI-ANT-S02C-00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ANT-S02C-30 TI1-RI-ANT-S02C-30 Datasheet
267Kb / 7P
[Old version datasheet]   SERIES 2000 ANTENNAS
More results

Similar Description - RI-ANT-S02C-00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ANT-S01C TI1-RI-ANT-S01C_17 Datasheet
419Kb / 5P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
RI-ANT-S01C TI-RI-ANT-S01C Datasheet
252Kb / 3P
[Old version datasheet]   SERIES 2000 STICK ANTENNA
logo
Pulse A Technitrol Comp...
W5039 PULSE-W5039 Datasheet
909Kb / 11P
   Stick Antenna
W5097 PULSE-W5097 Datasheet
1Mb / 15P
   Stick Antenna
W5021 PULSE-W5021 Datasheet
949Kb / 11P
   Stick Antenna
logo
Taoglas antenna solutio...
FXR.01.07.0100C TAOGLAS-FXR.01.07.0100C Datasheet
3Mb / 9P
   Peel and Stick Antenna
logo
Pulse A Technitrol Comp...
W5028X PULSE-W5028X Datasheet
818Kb / 10P
   2.4 2.5 / 5.15 7.125GHz Stick Antenna
W5029X PULSE-W5029X Datasheet
785Kb / 11P
   2.4 2.5 / 5.15 7.125 GHz Stick Antenna
W1696 PULSE-W1696 Datasheet
1Mb / 6P
   External / In-building 5G/4G Stick Monopole Antenna
W1903 PULSE-W1903 Datasheet
1Mb / 14P
   824-960/1710-2170MHz Right Angle Stick Antenna
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com