Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-TRP-W9TD Datasheet(PDF) 3 Page - Texas Instruments

Part # RI-TRP-W9TD
Description  120mm CYLINDRICAL TRANSPONDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-TRP-W9TD Datasheet(HTML) 3 Page - Texas Instruments

  RI-TRP-W9TD Datasheet HTML 1Page - Texas Instruments RI-TRP-W9TD Datasheet HTML 2Page - Texas Instruments RI-TRP-W9TD Datasheet HTML 3Page - Texas Instruments RI-TRP-W9TD Datasheet HTML 4Page - Texas Instruments RI-TRP-W9TD Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Apr-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
RI-TRP-R9TD-16
OBSOLETE
RFIDP
TEF
0
TBD
Call TI
Call TI
-25 to 85
RI-TRP-R9TD-30
OBSOLETE
RFIDP
TEF
0
TBD
Call TI
Call TI
RI-TRP-W9TD-13
OBSOLETE
RFIDP
TEF
0
TBD
Call TI
Call TI
-25 to 70
RI-TRP-W9TD-30
OBSOLETE
RFIDP
TEF
0
TBD
Call TI
Call TI
0 to 0
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - RI-TRP-W9TD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-W9TD TI-RI-TRP-W9TD Datasheet
88Kb / 3P
[Old version datasheet]   120mm CYLINDRICAL TRANSPONDER
RI-TRP-W9TD TI-RI-TRP-W9TD Datasheet
114Kb / 4P
[Old version datasheet]   120mm CYLINDRICAL TRANSPONDER
More results

Similar Description - RI-TRP-W9TD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-R9TD TI-RI-TRP-R9TD_09 Datasheet
114Kb / 4P
[Old version datasheet]   120mm CYLINDRICAL TRANSPONDER
RI-TRP-R9TD TI-RI-TRP-R9TD Datasheet
88Kb / 3P
[Old version datasheet]   120mm CYLINDRICAL TRANSPONDER
logo
ADL Embedded Solutions
ADL120S ADL-ADL120S Datasheet
613Kb / 2P
   120mm x 120mm Stackable SBC 120mm x 120mm Stackable SBC
logo
List of Unclassifed Man...
AC4715MS ETC1-AC4715MS Datasheet
59Kb / 1P
   120mm FAN SERIES
logo
BetLux Electronics
TLL-E27B120-061 BETLUX-TLL-E27B120-061 Datasheet
36Kb / 1P
   Ball Bulb ,120mm
logo
Qualtek Electronics Cor...
06450-B QUALTEK-06450-B Datasheet
207Kb / 1P
   FAN FILTER SCREEN (120mm)
08146 QUALTEK-08146 Datasheet
221Kb / 1P
   WIRE FORM FAN GUARD (120mm)
06450-SS QUALTEK-06450-SS Datasheet
203Kb / 1P
   FAN FILTER SCREEN (120mm)
06450-M QUALTEK-06450-M Datasheet
207Kb / 1P
   FAN FILTER SCREEN (120mm)
logo
ORION FANS
OD1238-XC ORIONFANS-OD1238-XC Datasheet
625Kb / 3P
   DC Fans - 12, 24, 48V 120mm x 120mm x 38.5mm (4.7” x 1.5”)
4/6/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com