Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75451 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75451
Description  Series Dual Peripheral Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75451 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS75451 Datasheet HTML 2Page - National Semiconductor (TI) DS75451 Datasheet HTML 3Page - National Semiconductor (TI) DS75451 Datasheet HTML 4Page - National Semiconductor (TI) DS75451 Datasheet HTML 5Page - National Semiconductor (TI) DS75451 Datasheet HTML 6Page - National Semiconductor (TI) DS75451 Datasheet HTML 7Page - National Semiconductor (TI) DS75451 Datasheet HTML 8Page - National Semiconductor (TI) DS75451 Datasheet HTML 9Page - National Semiconductor (TI) DS75451 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DC Test Circuits (Continued)
DS005824-21
Circuit
Input
Under
Test
Other
Input
Output
Apply
Measure
DS75451
V
IH
V
IH
V
OH
I
OL
V
IL
V
CC
I
OL
V
OL
DS75452
V
IH
V
IH
I
OL
V
OL
V
IL
V
CC
V
OH
I
OH
DS75453
V
IH
Gnd
V
OH
I
OH
V
IL
V
IL
I
OL
V
OH
FIGURE 7. V
IH,VIL,IOH,VOL
DS005824-22
Note A: Each input is tested separately.
Note B: When testing DS75453 input not under test is grounded.
For all other circuits it is at 4.5V.
FIGURE 8. V
I,VIL
DS005824-23
Each input is tested separately.
FIGURE 9. I
I,IIH
DS005824-24
Both gates are tested simultaneously.
FIGURE 10. I
CCH,ICCL for AND, NAND Circuits
DS005824-25
Both gates are tested simultaneously.
FIGURE 11. I
CCH,ICCL for OR, NOR Circuits
www.national.com
6


Similar Part No. - DS75451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75451M NSC-DS75451M Datasheet
249Kb / 16P
   Dual Peripheral Drivers
DS75451N NSC-DS75451N Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results

Similar Description - DS75451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com