Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2GU04 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2GU04
Description  Dual inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2GU04 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2GU04 Datasheet HTML 1Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 2Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 3Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 4Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 5Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 6Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 7Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 8Page - NXP Semiconductors 74LVC2GU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2004 Sep 21
4
Philips Semiconductors
Product specification
Dual inverter
74LVC2GU04
handbook, halfpage
1A
1Y
1
6
MNB106
2A
2Y
3
4
Fig.3 Logic symbol.
handbook, halfpage
6
1
1
1
MNB107
4
3
Fig.4 IEC logic symbol.
handbook, halfpage
MNA636
A
Y
100
VCC VCC
Fig.5 Logic diagram (one gate).


Similar Part No. - 74LVC2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 NXP-74LVC2GU04 Datasheet
99Kb / 16P
   Dual inverter
Rev. 05-27 October 2009
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
logo
Texas Instruments
74LVC2GU04DBVRE4 TI-74LVC2GU04DBVRE4 Datasheet
586Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
74LVC2GU04DBVRG4 TI-74LVC2GU04DBVRG4 Datasheet
586Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
More results

Similar Description - 74LVC2GU04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com