Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K222AL-IGT Datasheet(PDF) 8 Page - TDK Electronics

Part # 73K222AL-IGT
Description  V.22, V.21, Bell 212A, 103 Single-Chip Modem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K222AL-IGT Datasheet(HTML) 8 Page - TDK Electronics

Back Button 73K222AL-IGT Datasheet HTML 4Page - TDK Electronics 73K222AL-IGT Datasheet HTML 5Page - TDK Electronics 73K222AL-IGT Datasheet HTML 6Page - TDK Electronics 73K222AL-IGT Datasheet HTML 7Page - TDK Electronics 73K222AL-IGT Datasheet HTML 8Page - TDK Electronics 73K222AL-IGT Datasheet HTML 9Page - TDK Electronics 73K222AL-IGT Datasheet HTML 10Page - TDK Electronics 73K222AL-IGT Datasheet HTML 11Page - TDK Electronics 73K222AL-IGT Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
73K222AL
V.22, V.21, Bell 212A, 103
Single-Chip
8
REGISTER ADDRESS TABLE
MODULATION
OPTION
00 = NORMAL
01 = ANALOG LOOPBACK
10 = REMOTE DIGITAL
LOOPBACK
11 = LOCAL DIGITAL
LOOPBACK
000
TRANSMIT
MODE
3
TRANSMIT
MODE
2
TRANSMIT
MODE
1
TRANSMIT
ENABLE
ORIGINATE/
ANSWER
DATA BIT NUMBER
AD2 - AD0
REGISTER
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
TEST
MODE
0
TEST
MODE
1
RESET
CLK
CONTROL
BYPASS
SCRAMBLER
ENABLE
DETECT
INTERRUPT
TRANSMIT
PATTERN
0
TRANSMIT
PATTERN
1
001
CR1
LONG
LOOP
CALL
PROGRESS
ANSWER
TONE
CARRIER
DETECT
RECEIVE
DATA
010
DETECT
REGISTER
DR
DTMF0/
GUARD/
ANSWER/
TONE
DTMF1/
OVERSPEED
DTMF2
DTMF3
TRANSMIT
DTMF
TRANSMIT
ANSWER
TONE
RXD
OUTPUT
CONTROL
011
TONE
CONTROL
REGISTER
TR
TRANSMIT
MODE
0
0000 = PWR DOWN
0001 = INT SYNCH
0010 = EXT SYNCH
0011 = SLAVE SYNCH
0100 = ASYNCH 8 BITS/CHAR
0101 = ASYNCH 9 BITS/CHAR
0110 = ASYNCH 10 BITS/CHAR
0111 = ASYNCH 11 BITS/CHAR
1100 = FSK
0 = DISABLE
TXA OUTPUT
1 = ENABLE
TXA OUTPUT
0 = ANSWER
1 = ORIGINATE
00 = TX DATA
01 = TX ALTERNATE
10 = TX MARK
11 = TX SPACE
0 = DISABLE
1 = ENABLE
0 = NORMAL
1 = BYPASS
SCRAMBLER
0 = XTAL
1 = 16 X DATA
RATE OUTPUT
AT CLK PIN IN
DPSK MODE
ONLY
0 = NORMAL
1 = RESET
OUTPUTS
RECEIVED
DATA STREAM
0 = CONDITION NOT DETECTED
1 = CONDITION DETECTED
RXD PIN
0 = NORMAL
1 = TRI STATE
0 = OFF
1 = ON
0 = DATA
1 = TX DTMF
4 BIT CODE FOR 1 OF 16
DUAL TONE COMBINATIONS
CR0
0 = 1200 BIT/S DPSK
1 = 600 BIT/S DPSK
0 = BELL 103 FSK
1 = V.21 FSK
TRANSMIT
GUARD/
TONE
0 = 2225 Hz A.T.
1800 Hz G.T.
1 = 2100 Hz A.T.
500 Hz G.T.
0 = OFF
1 = ON
UNSCR.
MARKS
ID
REGISTER
10
110
ID
ID
ID
ID
0
X
X
X
X
X
X
X = Undefined, mask in software
CONTROL
REGISTER
1
CONTROL
REGISTER
0
00XX = 73K212AL, 322L, 321L
01XX = 73K221AL, 302L
10XX= 73K222AL, 222BL
1100 = 73K224L
1110 = 73K324L
1111 = 73K224BL
1101 = 73K324BL


Similar Part No. - 73K222AL-IGT

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222AL-IH/F TERIDIAN-73K222AL-IH/F Datasheet
277Kb / 27P
   Single-Chip Modem
73K222AL-IHR/F TERIDIAN-73K222AL-IHR/F Datasheet
277Kb / 27P
   Single-Chip Modem
More results

Similar Description - 73K222AL-IGT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com