Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5410AGGU12 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320VC5410AGGU12
Description  Fixed-Point Digital Signal Processor
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5410AGGU12 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320VC5410AGGU12 Datasheet HTML 7Page - Texas Instruments TMS320VC5410AGGU12 Datasheet HTML 8Page - Texas Instruments TMS320VC5410AGGU12 Datasheet HTML 9Page - Texas Instruments TMS320VC5410AGGU12 Datasheet HTML 10Page - Texas Instruments TMS320VC5410AGGU12 Datasheet HTML 11Page - Texas Instruments TMS320VC5410AGGU12 Datasheet HTML 12Page - Texas Instruments TMS320VC5410AGGU12 Datasheet HTML 13Page - Texas Instruments TMS320VC5410AGGU12 Datasheet HTML 14Page - Texas Instruments TMS320VC5410AGGU12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
TMS320VC5410A
Fixed-Point Digital Signal Processor
www.ti.com
SPRS139I – NOVEMBER 2000 – REVISED OCTOBER 2008
Table 2-1 lists each signal name and BGA ball number for the 144-pin TMS320VC5410AGGU package.
Table 2-2 lists each terminal name, terminal function, and operating modes for the TMS320VC5410A.
DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. DVSS is the
ground for the I/O pins while CVSS is the ground for the core CPU. The DVSS and CVSS pins can be
connected to a common ground plane in a system.
Table 2-1. Terminal Assignments
SIGNAL
BGA
SIGNAL
BGA
SIGNAL
BGA
SIGNAL
BGA
QUADRANT 1
BALL #
QUADRANT 2
BALL #
QUADRANT 3
BALL #
QUADRANT 4
BALL #
CVSS
A1
BFSX1
N13
CVSS
N1
A19
A13
A22
B1
BDX1
M13
BCLKR1
N2
A20
A12
CVSS
C2
DVDD
L12
HCNTL0
M3
CVSS
B11
DVDD
C1
DVSS
L13
DVSS
N3
DVDD
A11
A10
D4
CLKMD1
K10
BCLKR0
K4
D6
D10
HD7
D3
CLKMD2
K11
BCLKR2
L4
D7
C10
A11
D2
CLKMD3
K12
BFSR0
M4
D8
B10
A12
D1
HPI16
K13
BFSR2
N4
D9
A10
A13
E4
HD2
J10
BDR0
K5
D10
D9
A14
E3
TOUT
J11
HCNTL1
L5
D11
C9
A15
E2
EMU0
J12
BDR2
M5
D12
B9
CVDD
E1
EMU1/OFF
J13
BCLKX0
N5
HD4
A9
HAS
F4
TDO
H10
BCLKX2
K6
D13
D8
DVSS
F3
TDI
H11
CVSS
L6
D14
C8
CVSS
F2
TRST
H12
HINT
M6
D15
B8
CVDD
F1
TCK
H13
CVDD
N6
HD5
A8
HCS
G2
TMS
G12
BFSX0
M7
CVDD
B7
HR/W
G1
CVSS
G13
BFSX2
N7
CVSS
A7
READY
G3
CVDD
G11
HRDY
L7
HDS1
C7
PS
G4
HPIENA
G10
DVDD
K7
DVSS
D7
DS
H1
DVSS
F13
DVSS
N8
HDS2
A6
IS
H2
CLKOUT
F12
HD0
M8
DVDD
B6
R/W
H3
HD3
F11
BDX0
L8
A0
C6
MSTRB
H4
X1
F10
BDX2
K8
A1
D6
IOSTRB
J1
X2/CLKIN
E13
IACK
N9
A2
A5
MSC
J2
RS
E12
HBIL
M9
A3
B5
XF
J3
D0
E11
NMI
L9
HD6
C5
HOLDA
J4
D1
E10
INT0
K9
A4
D5
IAQ
K1
D2
D13
INT1
N10
A5
A4
HOLD
K2
D3
D12
INT2
M10
A6
B4
BIO
K3
D4
D11
INT3
L10
A7
C4
MP/MC
L1
D5
C13
CVDD
N11
A8
A3
DVDD
L2
A16
C12
HD1
M11
A9
B3
CVSS
L3
DVSS
C11
CVSS
L11
CVDD
C3
BDR1
M1
A17
B13
BCLKX1
N12
A21
A2
BFSR1
M2
A18
B12
DVSS
M12
DVSS
B2
Submit Documentation Feedback
Introduction
11


Similar Part No. - TMS320VC5410AGGU12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5410AGGU12 TI-TMS320VC5410AGGU12 Datasheet
913Kb / 100P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5410AGGU12 TI1-TMS320VC5410AGGU12 Datasheet
931Kb / 99P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320VC5410AGGU12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com