Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1A384PGEQ Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS470R1A384PGEQ
Description  16/32-Bit RISC Flash Microcontroller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1A384PGEQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS470R1A384PGEQ Datasheet HTML 7Page - Texas Instruments TMS470R1A384PGEQ Datasheet HTML 8Page - Texas Instruments TMS470R1A384PGEQ Datasheet HTML 9Page - Texas Instruments TMS470R1A384PGEQ Datasheet HTML 10Page - Texas Instruments TMS470R1A384PGEQ Datasheet HTML 11Page - Texas Instruments TMS470R1A384PGEQ Datasheet HTML 12Page - Texas Instruments TMS470R1A384PGEQ Datasheet HTML 13Page - Texas Instruments TMS470R1A384PGEQ Datasheet HTML 14Page - Texas Instruments TMS470R1A384PGEQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
TMS470R1A384
www.ti.com ......................................................................................................................................................... SPNS110E – AUGUST 2005 – REVISED MAY 2008
Table 2. Terminal Functions (continued)
TERMINAL
INTERNAL
INPUT
OUTPUT
PULLUP/
DESCRIPTION
VOLTAGE(1)(2)
CURRENT(3)
NAME
PZ
PGE
PULLDOWN
GENERAL-PURPOSE I/O (GIO) (CONTINUED)
GIOG[4]/EBADDR[18]/
-
3
EBADDR[10]
GIOG[5]/EBADDR[19]/
-
143
EBADDR[11]
GIOG[6]/EBADDR[20]/
-
142
EBADDR[12]
GIOG[7]/EBADDR[21]/
-
140
EBADDR[13]
GIOB[0], GIOC[4:0], GIOD[5:0], GIOE[7:0:],
GIOH[0]/EBADDR[22]/
-
139
GIOF[7:0], GIOG[7:0], AND GIOH[5:0] are
EBADDR[14]
3.3 V
2 mA
IPD (20 µA)
multiplexed with the expansion bus module.
GIOH[1]/EBADDR[23]/
See Table 7.
29
41
EBADDR[15]
GIOH[2]/EBADDR[24]/
28
40
EBADDR[16]
GIOH[3]/EBADDR[25]/
27
38
EBADDR[17]
GIOH[4]/EBADDR[26]/
26
37
EBADDR[18]
GIOH[5]/EBHOLD
88
125
MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MibADC)
MibADC event input. Can be programmed as a
ADEVT
68
101
3.3 V
2 mA
GIO pin.
ADIN[0]
84
117
ADIN[1]
83
116
ADIN[2]
82
115
ADIN[3]
81
114
ADIN[4]
80
113
ADIN[5]
75
108
3.3 V
MibADC analog input pins
ADIN[6]
74
107
ADIN[7]
73
106
ADIN[8]
72
105
ADIN[9]
71
104
ADIN[10]
70
103
ADIN[11]
69
102
ADREFHI
76
109
3.3-V REF
MibADC module high-voltage reference input
ADREFLO
77
110
GND REF
MibADC module low-voltage reference input
VCCAD
78
111
3.3-V PWR
MibADC analog supply voltage
VSSAD
79
112
GND
MibADC analog ground reference
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMS470R1A384


Similar Part No. - TMS470R1A384PGEQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A384PGET TI-TMS470R1A384PGET Datasheet
519Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1A384PGEQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com