Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS5700232BPZQQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS5700232BPZQQ1
Description  16- and 32-Bit RISC Flash Microcontroller
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5700232BPZQQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS5700232BPZQQ1 Datasheet HTML 7Page - Texas Instruments TMS5700232BPZQQ1 Datasheet HTML 8Page - Texas Instruments TMS5700232BPZQQ1 Datasheet HTML 9Page - Texas Instruments TMS5700232BPZQQ1 Datasheet HTML 10Page - Texas Instruments TMS5700232BPZQQ1 Datasheet HTML 11Page - Texas Instruments TMS5700232BPZQQ1 Datasheet HTML 12Page - Texas Instruments TMS5700232BPZQQ1 Datasheet HTML 13Page - Texas Instruments TMS5700232BPZQQ1 Datasheet HTML 14Page - Texas Instruments TMS5700232BPZQQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
TMS570LS0232
www.ti.com
SPNS242A – OCTOBER 2014 – REVISED JUNE 2015
4.2.2
Enhanced Quadrature Encoder Pulse Modules (eQEP)
Table 4-2. Enhanced Quadrature Encoder Pulse Modules (eQEP)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
SPI3CLK/EQEPA
36
Input
Pullup
Fixed 20 µA
Enhanced QEP Input A
SPI3nENA/EQEPB
37
Input
Enhanced QEP Input B
SPI3nCS[0]/EQEPI
38
I/O
Enhanced QEP Index
MIBSPI1nCS[1]/EQEPS/N2HET
93
I/O
Enhanced QEP Strobe
[17]
4.2.3
General-Purpose Input/Output (GPIO)
Table 4-3. General-Purpose Input/Output (GPIO)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
GIOA[0]/SPI3nCS[3]
1
I/O
Pulldown
Programmable,
General-purpose input/output
20 µA
All GPIO terminals can generate interrupts to the
GIOA[1]/SPI3nCS[2]
2
CPU on rising/falling/both edges.
GIOA[2]/SPI3nCS[1]
5
GIOA[3]/SPI2nCS[3]
8
GIOA[4]/SPI2nCS[2]
9
GIOA[5]/EXTCLKIN
10
GIOA[6]/SPI2nCS[1]/N2HET[31]
12
GIOA[7]/N2HET[29]
18
4.2.4
Controller Area Network Interface Modules (DCAN1, DCAN2)
Table 4-4. Controller Area Network Interface Modules (DCAN1, DCAN2)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
CAN1RX
63
I/O
Pullup
Programmable,
CAN1 Receive, or general-purpose I/O (GPIO)
20 µA
CAN1TX
62
CAN1 Transmit, or GPIO
CAN2RX
92
CAN2 Receive, or GPIO
CAN2TX
91
CAN2 Transmit, or GPIO
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
11
Submit Documentation Feedback
Product Folder Links: TMS570LS0232


Similar Part No. - TMS5700232BPZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5700332APZQQ1 TI1-TMS5700332APZQQ1 Datasheet
2Mb / 101P
[Old version datasheet]   TMS570LS0432/0332 16/32-Bit RISC Flash Microcontroller
TMS5700332BPZQQ1 TI1-TMS5700332BPZQQ1 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5700332BPZQQ1 TI1-TMS5700332BPZQQ1 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS5700332PZQQ1 TI1-TMS5700332PZQQ1 Datasheet
232Kb / 4P
[Old version datasheet]   Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
TMS5700432BPZQQ1 TI1-TMS5700432BPZQQ1 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS5700232BPZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com