Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX5700714APZQQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMX5700714APZQQ1
Description  16- and 32-Bit RISC Flash Microcontroller
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX5700714APZQQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TMX5700714APZQQ1 Datasheet HTML 1Page - Texas Instruments TMX5700714APZQQ1 Datasheet HTML 2Page - Texas Instruments TMX5700714APZQQ1 Datasheet HTML 3Page - Texas Instruments TMX5700714APZQQ1 Datasheet HTML 4Page - Texas Instruments TMX5700714APZQQ1 Datasheet HTML 5Page - Texas Instruments TMX5700714APZQQ1 Datasheet HTML 6Page - Texas Instruments TMX5700714APZQQ1 Datasheet HTML 7Page - Texas Instruments TMX5700714APZQQ1 Datasheet HTML 8Page - Texas Instruments TMX5700714APZQQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 159 page
background image
HTU1
HTU2
Switched Central Resource
Main Cross Bar: Arbitration and Prioritization Control
CRC
Peripheral Central Resource Bridge
Dual Cortex-R4F
CPUs in Lockstep
Switched Central Resource
DCAN1
DCAN2
DCAN3
LIN
SCI
SPI4
64KB Flash
for EEPROM
Emulation
with ECC
MibSPI1
CAN1_RX
CAN1_TX
CAN2_RX
CAN2_TX
CAN3_RX
CAN3_TX
MIBSPI1_CLK
MIBSPI1_SIMO[1:0]
MIBSPI1_SOMI[1:0]
MIBSPI1_nCS[5:0]
MIBSPI1_nENA
SPI2
SPI2_CLK
SPI2_SIMO
SPI2_SOMI
SPI2_nCS[1:0]
SPI2_nENA
MibSPI3
MIBSPI3_CLK
MIBSPI3_SIMO
MIBSPI3_SOMI
MIBSPI3_nCS[5:0]
MIBSPI3_nENA
SPI4_CLK
SPI4_SIMO
SPI4_SOMI
SPI4_nCS0
SPI4_nENA
MibSPI5
MIBSPI5_SIMO[3:0]
MIBSPI5_SOMI[3:0]
MIBSPI5_nCS[3:0]
MIBSPI5_nENA
LIN_RX
LIN_TX
SCI_RX
SCI_TX
IOMM
PMM
VIM
RTI
DCC1
DCC2
32K
32K
128KB
with ECC
RAM
DMA
# 2
# 3
# 5
# 1
# 1
always on
Core/RAM
RAM
Core
Color Legend for Power Domains
SYS
nPORRST
nRST
ECLK
ESM
nERROR
768KB
Flash
with
ECC
Switched Central Resource
I2C
N2HET1
GIO
N2HET2
MibADC1
MibADC2
eQEP
1,2
eQEPxA
eQEPxB
eQEPxS
eQEPxI
eCAP
1..6
eCAP[6:1]
ePWM
1..7
nTZ[3:1]
SYNCO
SYNCI
ePWMxA
ePWMxB
32K
32K
TMS570LS0714
www.ti.com
SPNS226D – JUNE 2013 – REVISED SEPTEMBER 2015
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
NOTE: The block diagram reflects the 144PGE package. Some functions are multiplexed or not available
in other packages. For details, see the respective terminal functions table in Section 4.2, Terminal
Functions.
Figure 1-1. Functional Block Diagram
Copyright © 2013–2015, Texas Instruments Incorporated
Device Overview
5
Submit Documentation Feedback
Product Folder Links: TMS570LS0714


Similar Part No. - TMX5700714APZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX5700714APZQQ1 TI1-TMX5700714APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMX5700714APZQQ1 TI1-TMX5700714APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMX5700714APZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com