Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM48L930 Datasheet(PDF) 3 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 3 Page - Texas Instruments

  RM48L930 Datasheet HTML 1Page - Texas Instruments RM48L930 Datasheet HTML 2Page - Texas Instruments RM48L930 Datasheet HTML 3Page - Texas Instruments RM48L930 Datasheet HTML 4Page - Texas Instruments RM48L930 Datasheet HTML 5Page - Texas Instruments RM48L930 Datasheet HTML 6Page - Texas Instruments RM48L930 Datasheet HTML 7Page - Texas Instruments RM48L930 Datasheet HTML 8Page - Texas Instruments RM48L930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 172 page
background image
RM48L930, RM48L730, RM48L530
www.ti.com
SPNS176C – APRIL 2012 – REVISED JUNE 2015
1.3
Description
The RM48Lx30 device is a high-performance microcontroller family for safety systems. The safety
architecture includes dual CPUs in lockstep, CPU and memory BIST logic, ECC on both the flash and the
data SRAM, parity on peripheral memories, and loopback capability on peripheral I/Os.
The RM48Lx30 device integrates the ARM Cortex-R4F Floating-Point CPU. The CPU offers an efficient
1.66 DMIPS/MHz, and has configurations that can run up to 200 MHz, providing up to 332 DMIPS. The
device supports the little-endian [LE] format.
The RM48L930 device has 3MB of integrated flash and 256KB of data RAM. The RM48L730 has 2MB of
integrated flash and 256KB of data RAM. The RM48L530 device has 2MB of integrated flash and 192KB
of data RAM. Both the flash and RAM have single-bit error correction and double-bit error detection. The
flash memory on this device is a nonvolatile, electrically erasable, and programmable memory
implemented with a 64-bit-wide data bus interface. The flash operates on a 3.3-V supply input (same level
as I/O supply) for all read, program, and erase operations. When in pipeline mode, the flash operates with
a system clock frequency of up to 200 MHz. The SRAM supports single-cycle read and write accesses in
byte, halfword, word, and double-word modes.
The RM48Lx30 device features peripherals for real-time control-based applications, including two Next
Generation High-End Timer (N2HET) timing coprocessors and two 12-bit Analog-to-Digital Converters
(ADCs) supporting up to 24 inputs.
The N2HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a reduced instruction set, with a specialized timer
micromachine and an attached I/O port. The N2HET can be used for pulse-width-modulated outputs,
capture or compare inputs, or GPIO. The N2HET is especially well suited for applications requiring
multiple sensor information and drive actuators with complex and accurate time pulses. A High-End Timer
Transfer Unit (HTU) can perform DMA-type transactions to transfer N2HET data to or from main memory.
A Memory Protection Unit (MPU) is built into the HTU.
The device has two 12-bit-resolution MibADCs with 24 channels and 64 words of parity-protected buffer
RAM each. The MibADC channels can be converted individually or can be grouped by software for
sequential conversion sequences. Sixteen channels are shared between the two MibADCs. There are
three separate groupings. Each sequence can be converted once when triggered or configured for
continuous conversion mode. The MibADC has a 10-bit mode for use when compatibility with older
devices or faster conversion time is desired.
The device has multiple communication interfaces: three MibSPIs, two SPIs, one LIN, one SCI, three
DCANs, and one I2C module. The SPIs provide a convenient method of serial high-speed communication
between similar shift-register type devices. The LIN supports the Local Interconnect standard 2.0 and can
be used as a UART in full-duplex mode using the standard Non-Return-to-Zero (NRZ) format.
The DCAN supports the CAN 2.0 (A and B) protocol standard and uses a serial, multimaster
communication protocol that efficiently supports distributed real-time control with robust communication
rates of up to 1 Mbps. The DCAN is ideal for systems operating in noisy and harsh environments (for
example, automotive vehicle networking and industrial fieldbus) that require reliable serial communication
or multiplexed wiring.
The I2C module is a multimaster communication module providing an interface between the
microcontroller and an I2C-compatible device through the I2C serial bus. The I2C supports speeds of 100
and 400 Kbps.
The Frequency-Modulated Phase-Locked Loop (FMPLL) clock module is used to multiply the external
frequency reference to a higher frequency for internal use. There are two FMPLL modules on this device.
These modules, when enabled, provide two of the seven possible clock source inputs to the Global Clock
Module (GCM). The GCM manages the mapping between the available clock sources and the device
clock domains.
Copyright © 2012–2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback


Similar Part No. - RM48L930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930 Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
RM48L930PGET TI1-RM48L930PGET Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
RM48L930ZWTT TI1-RM48L930ZWTT Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930 Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com