Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1114ZWT Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS570LS1114ZWT
Description  16- and 32-Bit RISC Flash Microcontroller
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114ZWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS570LS1114ZWT Datasheet HTML 4Page - Texas Instruments TMS570LS1114ZWT Datasheet HTML 5Page - Texas Instruments TMS570LS1114ZWT Datasheet HTML 6Page - Texas Instruments TMS570LS1114ZWT Datasheet HTML 7Page - Texas Instruments TMS570LS1114ZWT Datasheet HTML 8Page - Texas Instruments TMS570LS1114ZWT Datasheet HTML 9Page - Texas Instruments TMS570LS1114ZWT Datasheet HTML 10Page - Texas Instruments TMS570LS1114ZWT Datasheet HTML 11Page - Texas Instruments TMS570LS1114ZWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
3
Device Comparison
Table 3-1 lists the features of the TMS570LS1114 devices.
Table 3-1. TMS570LS1114 Device Comparison(1)(2)
FEATURES
DEVICES
Generic Part
TMS570LS3137ZWT
(3) TMS570LS1227ZWT(3) TMS570LS1114ZWT
TMS570LS1114PGE
TMS570LS0714PGE
TMS570LS0714PZ
TMS570LS0432PZ
Number
Package
337 BGA
337 BGA
337 BGA
144 QFP
144 QFP
100 QFP
100 QFP
CPU
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4
Frequency (MHz)
180
180
180
160
160
100
80
Flash (KB)
3072
1280
1024
1024
768
768
384
RAM (KB)
256
192
128
128
128
128
32
Data Flash
64
64
64
64
64
64
16
[EEPROM] (KB)
EMAC
10/100
10/100
FlexRay
2-ch
2-ch
CAN
3
3
3
3
3
2
2
MibADC
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (16ch)
1 (16ch)
12-bit (Ch)
N2HET (Ch)
2 (44)
2 (44)
2 (44)
2 (40)
2 (40)
2 (21)
1 (19)
ePWM Channels
14
14
14
14
8
eCAP Channels
6
6
6
6
4
0
eQEP Channels
2
2
2
2
1
1
MibSPI (CS)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (5 + 6 + 4)
2 (5 + 1)
1 (4)
SPI (CS)
2 (2 + 1)
2 (2 + 1)
2 (2 + 1)
1 (1)
1 (1)
1 (1)
2
SCI (LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
1 (with LIN)
1 (with LIN)
I2C
1
1
1
1
1
144 (with 16 interrupt
101 (with 16 interrupt
101 (with 16 interrupt
64 (with 10 interrupt
64 (with 10 interrupt
45 (with 9 interrupt
45 (with 8 interrupt
GPIO (INT)
(4)
capable)
capable)
capable)
capable)
capable)
capable)
capable)
EMIF
16-bit data
16-bit data
16-bit data
ETM (Trace)
32-bit
RTP/DMM
YES
Operating
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
-40ºC to 125ºC
Temperature
Core Supply (V)
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
I/O Supply (V)
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
(1)
For additional device variants, see www.ti.com/tms570
(2)
This table reflects the maximum configuration for each peripheral. Some functions are multiplexed and not all pins are available at the
same time.
(3)
Superset device.
(4)
Total number of pins that can be used as general purpose input or output when not used as part of a peripheral.
8
Device Comparison
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114


Similar Part No. - TMS570LS1114ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS1114 TI1-TMS570LS1114 Datasheet
8Mb / 167P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_14 Datasheet
8Mb / 167P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS1114ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com