Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1224 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1224
Description  16- and 32-Bit RISC Flash Microcontroller
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1224 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS570LS1224 Datasheet HTML 2Page - Texas Instruments TMS570LS1224 Datasheet HTML 3Page - Texas Instruments TMS570LS1224 Datasheet HTML 4Page - Texas Instruments TMS570LS1224 Datasheet HTML 5Page - Texas Instruments TMS570LS1224 Datasheet HTML 6Page - Texas Instruments TMS570LS1224 Datasheet HTML 7Page - Texas Instruments TMS570LS1224 Datasheet HTML 8Page - Texas Instruments TMS570LS1224 Datasheet HTML 9Page - Texas Instruments TMS570LS1224 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 169 page
background image
TMS570LS1224
SPNS190B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
2
Revision History
This data manual revision history highlights the technical changes made to the SPNS190A device-specific
data manual addendum to make it an SPNS190B revision.
Scope: Applicable updates to the Hercules™ TMS570 MCU device family, specifically relating to the
TMS570LS1224 devices, which are now in the production data (PD) stage of development have been
incorporated.
Changes from September 1, 2013 to February 28, 2015 (from A Revision (September 2013) to B Revision)
Page
Updated/Changed section title to "Device Overview"
........................................................................... 1
Updated/changed the N2HET feature
............................................................................................. 1
Added Table 1-1, Device Information
.............................................................................................. 3
Added Section 3, Device Comparison
............................................................................................. 8
Updated/Changed section title to "Terminal Configuration and Functions"
................................................... 9
Table 4-2 (PGE Enhanced High-End Timer Modules (N2HET)) Updated/Changed N2HET1 time input capture or
output compare pin description
.................................................................................................... 13
Table 4-2 Updated/Changed N2HET2 time input capture or output compare pin description
............................ 14
Table 4-5Updated/Changed the EPWM1SYNCI Signal Type from "Output" to "Input"
.................................... 15
Table 4-5Updated/Changed the EPWM1SYNCI pin description from "Output" to "Input"
................................. 15
Table 4-15 (PGE Test and Debug Modules Interface): Updated/Changed TEST pin description
........................ 20
Table 4-21 (ZWT Enhanced High-End Timer Modules (N2HET)) Updated/Changed N2HET1 time input capture
or output compare pin description
................................................................................................ 24
Table 4-21 Updated/Changed N2HET2 time input capture or output compare pin description
.......................... 25
Updated/Changed the EPWM1SYNCI pin description from "Output" to "Input"
............................................ 27
Table 4-32 (External Memory Interface (EMIF)): Global: Deleted EMIF_RNW pin function.
.............................. 32
Table 4-35 (ZWT Test and Debug Modules Interface): Updated/Changed TEST pin description
....................... 35
Table 4-37 Changed six BGA balls from NC to Reserved
..................................................................... 35
Updated/Changed section title to "Specifications"
............................................................................. 41
Moved Storage temperature range, Tstg back to Section 5.1, Absolute Maximum Ratings Over Operating Free-
Air Temperature Range
............................................................................................................ 41
Added Section 5.2, Handling Ratings (Automotive)
............................................................................ 41
Added Section 5.3, Power-On-Hours (POH)
.................................................................................... 41
Moved Thermal Data section here.
............................................................................................... 45
Section 5.9 (Thermal Resistance Characteristics): Updated/Changed title from "Thermal Data" to "Thermal
Resistance Characteristics"
........................................................................................................ 45
Added
ΘJA test conditions and added ΨJT for PGE package.................................................................. 45
Added
ΘJA test conditions and added ΨJT for ZWT package.................................................................. 45
Clarified impact of SPI2PC9 register on drive strength of SPI2SOMI pin
.................................................. 47
Changed the number of cycles of tv(RST) from 2252 to 2256................................................................... 54
Table 6-22 (Flash Memory Banks and Sectors): Added associated footnotes
............................................. 75
Figure 6-10 (TCRAM Block Diagram): Updated/Changed figure
............................................................. 78
Added table notes identifying address ranges of ESRAM PBIST groups
................................................... 80
Updated/Changed N2HET2 RAM ending address from "0xFF57FFFF" to "0xFF45FFFF" in Table 6-26, Memory
Initialization
.......................................................................................................................... 81
Updated EMIF Timings
............................................................................................................ 82
Changed maximum addressable size of asynchronous memories from 16MB to 32KB
.................................. 82
Updated/Changed the EMIF address bus signals from "EMIF_ADDR[21:0]" to "EMIF_ADDR[12:0]" for all figures
in Section 6.14.2, Electrical and Timing Specifications
........................................................................ 82
Updated/Changed EMIF address from "EMIF_ADDR[21:0]" to "EMIF_ADDR[12:0]"
...................................... 82
Changed EMIF tsu(EMDV-EMOEH) from 30nS to 9nS................................................................................ 84
Changed EMIF th(EMOEH-EMDIV) from 0.5nS to 0nS ............................................................................... 84
Changed EMIF tsu(EMOEL-EMWAIT) from 4E+30nS to 4E+9nS .................................................................... 84
Changed EMIF tsu(EMWEL-EMWAIT) from 4E+30nS to 4E+14nS................................................................... 84
Changed EMIF tsu(EMCEL-EMOEL) from (RS)*E-5 to (RS)*E-6..................................................................... 85
Changed EMIF tsu(EMCEL-EMOEL) from -5 to -6 ..................................................................................... 85
Changed EMIF th(EMOEH-EMCEH) from (RH)*E -4 to (RH)*E -3 ................................................................... 85
Changed EMIF th(EMOEH-EMCEH) from (RH)*E +4 to (RH)*E +5.................................................................. 85
Changed EMIF th(EMOEH-EMCEH) from -4 to -3...................................................................................... 85
6
Revision History
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1224


Similar Part No. - TMS570LS1224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS1225 TI1-TMS570LS1225 Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1225PGE TI1-TMS570LS1225PGE Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1225ZWT TI1-TMS570LS1225ZWT Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1227 TI1-TMS570LS1227 Datasheet
9Mb / 184P
[Old version datasheet]   TMS570LS1227 16- and 32-Bit RISC Flash Microcontroller
TMS570LS1227 TI-TMS570LS1227 Datasheet
9Mb / 186P
[Old version datasheet]   TMS570LS1227 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS1224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com