Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1224PGE Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS570LS1224PGE
Description  16- and 32-Bit RISC Flash Microcontroller
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1224PGE Datasheet(HTML) 1 Page - Texas Instruments

  TMS570LS1224PGE Datasheet HTML 1Page - Texas Instruments TMS570LS1224PGE Datasheet HTML 2Page - Texas Instruments TMS570LS1224PGE Datasheet HTML 3Page - Texas Instruments TMS570LS1224PGE Datasheet HTML 4Page - Texas Instruments TMS570LS1224PGE Datasheet HTML 5Page - Texas Instruments TMS570LS1224PGE Datasheet HTML 6Page - Texas Instruments TMS570LS1224PGE Datasheet HTML 7Page - Texas Instruments TMS570LS1224PGE Datasheet HTML 8Page - Texas Instruments TMS570LS1224PGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 169 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMS570LS1224
SPNS190B – OCTOBER 2012 – REVISED FEBRUARY 2015
TMS570LS1224 16- and 32-Bit RISC Flash Microcontroller
1
Device Overview
1.1
Features
1
• High-Performance Automotive-Grade
• Enhanced Timing Peripherals for Motor Control
Microcontroller for Safety-Critical Applications
– 7 Enhanced Pulse Width Modulator (ePWM)
– Dual CPUs Running in Lockstep
Modules
– ECC on Flash and RAM Interfaces
– 6 Enhanced Capture (eCAP) Modules
– Built-In Self-Test (BIST) for CPU and On-chip
– 2 Enhanced Quadrature Encoder Pulse (eQEP)
RAMs
Modules
– Error Signaling Module With Error Pin
• Two Next Generation High-End Timer (N2HET)
Modules
– Voltage and Clock Monitoring
– N2HET1: 32 Programmable Channels
• ARM® Cortex®-R4F 32-Bit RISC CPU
– N2HET2: 18 Programmable Channels
– 1.66 DMIPS/MHz With 8-Stage Pipeline
– 160-Word Instruction RAM Each With Parity
– FPU With Single- and Double-Precision
Protection
– 12-Region Memory Protection Unit (MPU)
– Each N2HET Includes Hardware Angle
– Open Architecture With Third-Party Support
Generator
• Operating Conditions
– Dedicated High-End Timer Transfer Unit (HTU)
– Up to 180-MHz System Clock
for Each N2HET
– Core Supply Voltage (VCC): 1.14 to 1.32 V
• Two 12-Bit Multibuffered Analog-to-Digital
– I/O Supply Voltage (VCCIO): 3.0 to 3.6 V
Converter (MibADC) Modules
• Integrated Memory
– ADC1: 24 Channels
– 1.25MB of Program Flash With ECC
– ADC2: 16 Channels Shared With ADC1
– 192KB of RAM With ECC
– 64 Result Buffers Each With Parity Protection
– 64KB of Flash for Emulated EEPROM With
• Multiple Communication Interfaces
ECC
– Three CAN Controllers (DCANs)
• 16-Bit External Memory Interface (EMIF)
64 Mailboxes Each With Parity Protection
• Common Platform Architecture
Compliant to CAN Protocol Version 2.0A and
– Consistent Memory Map Across Family
2.0B
– Real-Time Interrupt (RTI) Timer (OS Timer)
– Inter-Integrated Circuit (I2C)
– 128-Channel Vectored Interrupt Module (VIM)
– Three Multibuffered Serial Peripheral Interface
– 2-Channel Cyclic Redundancy Checker (CRC)
(MibSPI) Modules
• Direct Memory Access (DMA) Controller
128 Words Each With Parity Protection
– 16 Channels and 32 Control Packets
8 Transfer Groups
– Parity Protection for Control Packet RAM
– Up to Two Standard Serial Peripheral Interface
– DMA Accesses Protected by Dedicated MPU
(SPI) Modules
• Frequency-Modulated Phase-Locked Loop
– Two UART (SCI) Interfaces, One With Local
(FMPLL) With Built-In Slip Detector
Interconnect Network (LIN 2.1) Interface
Support
• Separate Nonmodulating PLL
• Packages
• IEEE 1149.1 JTAG, Boundary Scan and ARM
CoreSight™ Components
– 144-Pin Quad Flatpack (PGE) [Green]
• Advanced JTAG Security Module (AJSM)
– 337-Ball Grid Array (ZWT) [Green]
• Calibration Capabilities
– Parameter Overlay Module (POM)
• 16 General-Purpose Input/Output (GPIO) Pins
Capable of Generating Interrupts
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS570LS1224PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS1225 TI1-TMS570LS1225 Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1225PGE TI1-TMS570LS1225PGE Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1225ZWT TI1-TMS570LS1225ZWT Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1227 TI1-TMS570LS1227 Datasheet
9Mb / 184P
[Old version datasheet]   TMS570LS1227 16- and 32-Bit RISC Flash Microcontroller
TMS570LS1227 TI-TMS570LS1227 Datasheet
9Mb / 186P
[Old version datasheet]   TMS570LS1227 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS1224PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com