Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM48L930DZWTT Datasheet(PDF) 8 Page - Texas Instruments

Part # RM48L930DZWTT
Description  RM48Lx30 16- and 32-Bit RISC Flash Microcontroller
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930DZWTT Datasheet(HTML) 8 Page - Texas Instruments

Back Button RM48L930DZWTT Datasheet HTML 4Page - Texas Instruments RM48L930DZWTT Datasheet HTML 5Page - Texas Instruments RM48L930DZWTT Datasheet HTML 6Page - Texas Instruments RM48L930DZWTT Datasheet HTML 7Page - Texas Instruments RM48L930DZWTT Datasheet HTML 8Page - Texas Instruments RM48L930DZWTT Datasheet HTML 9Page - Texas Instruments RM48L930DZWTT Datasheet HTML 10Page - Texas Instruments RM48L930DZWTT Datasheet HTML 11Page - Texas Instruments RM48L930DZWTT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 172 page
background image
RM48L930, RM48L730, RM48L530
SPNS176C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
3
Device Comparison
Table 3-1 lists the features of the RM48Lx30 devices.
Table 3-1. RM48Lx30 Device Comparison(1)(2)
FEATURES
DEVICES
Generic Part Number
RM57L843ZWT(3)
RM48L952ZWT(3)
RM48L930ZWT
RM48L930PGE
RM48L730ZWT
RM48L730PGE
RM48L530ZWT
RM48L530PGE
RM46L852ZWT(3)
Package
337 BGA
337 BGA
337 BGA
144 QFP
337 BGA
144 QFP
337 BGA
144 QFP
337 BGA
CPU
ARM Cortex-R5F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
Frequency (MHz)
333
220
200
200
200
200
200
200
220
32 I
Cache (KB)
32 D
Flash (KB)
4096
3072
3072
3072
2048
2048
2048
2048
1280
RAM (KB)
512
256
256
256
256
256
192
192
192
Data Flash [EEPROM] (KB)
128
64
64
64
64
64
64
64
64
USB OHCI + Device
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
EMAC
10/100
10/100
10/100
CAN
4
3
3
3
3
3
3
3
3
MibADC 12-bit (Ch)
2 (41ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
N2HET (Ch)
2 (64)
2 (44)
2 (44)
2 (40)
2 (44)
2 (40)
2 (44)
2 (40)
2 (44)
ePWM Channels
14
14
eCAP Channels
6
6
eQEP Channels
2
2
MibSPI (CS)
5 (4 x 6 + 2)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
SPI (CS)
2 (2 + 1)
2 (2 + 1)
1 (1)
2 (2 + 1)
1 (1)
2 (2 + 1)
1 (1)
2 (2 + 1)
SCI (LIN)
4 (2 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2
1
1
1
1
1
1
1
1
I2C
168 (with 16
144 (with 16
144 (with 16
64 (with 4
144 (with 16
64 (with 4
144 (with 16
64 (with 4
101 (with 16
GPIO (INT)(4)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
EMIF
16-bit data
16-bit data
16-bit data
16-bit data
16-bit data
16-bit data
ETM [Trace] (Data)
(32)
(32)
32-bit
32-bit
32-bit
RTP/DMM (Data)
(16/16)
(16/16)
16/16
16/16
16/16
Operating Temperature
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
–40ºC to 105ºC
Core Supply (V)
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
I/O Supply (V)
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
(1)
For additional device variants, see www.ti.com/rm
(2)
This table reflects the maximum configuration for each peripheral. Some functions are multiplexed and not all pins are available at the same time.
(3)
Superset device
(4)
Total number of pins that can be used as general-purpose input or output when not used as part of a peripheral
8
Device Comparison
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - RM48L930DZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930 Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
RM48L930PGET TI1-RM48L930PGET Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
RM48L930ZWTT TI1-RM48L930ZWTT Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L930DZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L930 TI1-RM48L930 Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com