Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3705 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS3705
Description  Transponder Base Station IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS3705 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS3705 Datasheet HTML 7Page - Texas Instruments TMS3705 Datasheet HTML 8Page - Texas Instruments TMS3705 Datasheet HTML 9Page - Texas Instruments TMS3705 Datasheet HTML 10Page - Texas Instruments TMS3705 Datasheet HTML 11Page - Texas Instruments TMS3705 Datasheet HTML 12Page - Texas Instruments TMS3705 Datasheet HTML 13Page - Texas Instruments TMS3705 Datasheet HTML 14Page - Texas Instruments TMS3705 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
TMS3705
www.ti.com
SCBS881C – JANUARY 2010 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TMS3705
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
5
Detailed Description
5.1
Power Supply
The device is supplied with 5 V by an external voltage regulator through two supply pins, one for providing
the driver current for the antenna and the analog part in front of the digital demodulator and one for
supplying the other blocks.
The power supply supplies a power-on reset that brings the control logic into Idle state as soon as the
supply voltage drops under a certain value.
In Sleep state, the sum of both supply currents is reduced to 0.2 mA. The base station device falls into
Sleep state 100 ms after TXCT has changed to high. When TXCT changes to low or is low, the base
station IC immediately goes into and remains in normal operation.
5.2
Oscillator
The oscillator generates the clock of the base station IC of which all timing signals are derived. Between
its input and output a crystal or ceramic resonator is connected that oscillates at a typical frequency of
4 MHz. If a digital clock signal with a frequency of 4 MHz or 2 MHz is supplied to pin OSC1, the signal can
be used to generate the internal operation frequency of 16 MHz.
The oscillator block contains a PLL that generates the internal clock frequency of 16 MHz from the input
clock signal. The PLL multiplies the input clock frequency depending on the logic state of the input pin
F_SEL by a factor of 4 (F_SEL is high) or by a factor of 8 (F_SEL is low).
In the Sleep state, the oscillator is off.
5.3
Predrivers
The predrivers generate the signals for the four power transistors of the full bridge using the carrier
frequency generated by the frequency divider. The gate signals of the P-channel power transistors (active
low) have the same width (±1 cycle of the 16 MHz clock), the delay between one P-channel MOSFET
being switched off and the other one being switched on is defined to be 12 cycles of the 16-MHz clock. In
write mode the first activation of a gate signal after a bit pause is synchronized to the received
transponder signal by a phase shift of 18°.
5.4
Full Bridge
The full bridge drives the antenna current at the carrier frequency during the charge phase and the active
time of the write phase. The minimal load resistance the full bridge sees between its outputs in normal
operation at the resonance frequency of the antenna is 43.3
Ω. When the full bridge is not active, the two
driver outputs are switched to ground.
Both outputs of the full bridge are protected independently against short circuits to ground.
In case of an occurring short circuit, the full bridge is switched off in less than 10 µs to avoid a drop of the
supply voltage. After a delay time of less than 10 ms the full bridge is switched on again to test if the short
circuit is still there. An overcurrent due to a resistive short to ground that is higher than the maximum
current in normal operation but lower than the current threshold for overcurrent protection does not need
to be considered.
5.5
RF Amplifier
The RF amplifier is an operational amplifier with a fixed internal voltage reference and a voltage gain of 5
defined by external resistors. The RF amplifier has a high gain-bandwidth product of at least 2 MHz to
show a phase shift of less than 16° for the desired signal and to give the possibility to use it as a low-pass
filter by adapting additional external components.
The input signal of the RF amplifier is DC coupled to the antenna. The amplitude of the output signal of
the RF amplifier is higher than 5 mV peak-to-peak.


Similar Part No. - TMS3705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
[Old version datasheet]   TRANSPONDER BASE STATION IC
TMS3705 TI1-TMS3705 Datasheet
960Kb / 28P
[Old version datasheet]   Transponder Base Station IC
TMS3705 TI-TMS3705 Datasheet
855Kb / 26P
[Old version datasheet]   TMS3705 Transponder Base Station IC
REVISED JUNE 2023
TMS3705A TI-TMS3705A Datasheet
31Kb / 1P
[Old version datasheet]   RADIO FREQUENCY I DENTIFICATION SYSTEMS
logo
Pericom Semiconductor C...
TMS3705A1DRG4 PERICOM-TMS3705A1DRG4 Datasheet
88Kb / 4P
   LF BASE STATION IC
More results

Similar Description - TMS3705

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
[Old version datasheet]   Transponder Base Station IC
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
[Old version datasheet]   TRANSPONDER BASE STATION IC
TMS3705 TI-TMS3705_V01 Datasheet
855Kb / 26P
[Old version datasheet]   TMS3705 Transponder Base Station IC
REVISED JUNE 2023
RI-TMS3705ADR TI-RI-TMS3705ADR_06 Datasheet
72Kb / 3P
[Old version datasheet]   LF BASE STATION IC
TMS3705ADR TI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC
logo
Pericom Semiconductor C...
RI-TMS3705ADR PERICOM-RI-TMS3705ADR_08 Datasheet
88Kb / 4P
   LF BASE STATION IC
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
   Read / Write Base Station IC
logo
Texas Instruments
RI-TMS3705ADR TI-RI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC TMS3705ADR
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com