Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS44400 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS44400
Description  1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS44400 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS44400 Datasheet HTML 4Page - Texas Instruments TMS44400 Datasheet HTML 5Page - Texas Instruments TMS44400 Datasheet HTML 6Page - Texas Instruments TMS44400 Datasheet HTML 7Page - Texas Instruments TMS44400 Datasheet HTML 8Page - Texas Instruments TMS44400 Datasheet HTML 9Page - Texas Instruments TMS44400 Datasheet HTML 10Page - Texas Instruments TMS44400 Datasheet HTML 11Page - Texas Instruments TMS44400 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TMS44400, TMS44400P, TMS46400, TMS46400P
1048576-WORD BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMHS562C – MAY 1995 – REVISED NOVEMBER 1996
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 6)
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 – A10
5
pF
Ci(RC)
Input capacitance, CAS and RAS
7
pF
Ci(OE)
Input capacitance, OE
7
pF
Ci(W)
Input capacitance, W
7
pF
Co
Output capacitance
7
pF
NOTE 6: VCC = 5 V ± .5 V for the TMS44400 devices, VCC = 3.3 V ± 0.3 V for the TMS46400 devices, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
’4x400 - 60
’4x400P - 60
’4x400 - 70
’4x400P - 70
’4x400 - 80
’4x400P - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tAA
Access time from column address
30
35
40
ns
tCAC
Access time from CAS low
15
18
20
ns
tCPA
Access time from column precharge
35
40
45
ns
tRAC
Access time from RAS low
60
70
80
ns
tOEA
Access time from OE low
15
18
20
ns
tCLZ
CAS to output in low impedance
0
0
0
ns
tOFF
Output-disable time after CAS high (see Note 7)
0
15
0
18
0
20
ns
tOEZ
Output-disable time after OE high (see Note 7)
0
15
0
18
0
20
ns
NOTE 7: tOFF is specified when the output is no longer driven.


Similar Part No. - TMS44400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400-70DJ TI-TMS44400-70DJ Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400-80DJ TI-TMS44400-80DJ Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400DGA TI-TMS44400DGA Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400DJ TI-TMS44400DJ Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS44400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS45160 TI1-TMS45160_08 Datasheet
361Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com