Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS46400P Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS46400P
Description  1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS46400P Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS46400P Datasheet HTML 2Page - Texas Instruments TMS46400P Datasheet HTML 3Page - Texas Instruments TMS46400P Datasheet HTML 4Page - Texas Instruments TMS46400P Datasheet HTML 5Page - Texas Instruments TMS46400P Datasheet HTML 6Page - Texas Instruments TMS46400P Datasheet HTML 7Page - Texas Instruments TMS46400P Datasheet HTML 8Page - Texas Instruments TMS46400P Datasheet HTML 9Page - Texas Instruments TMS46400P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TMS44400, TMS44400P, TMS46400, TMS46400P
1048576-WORD BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMHS562C – MAY 1995 – REVISED NOVEMBER 1996
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
’44400 - 60
’44400P - 60
’44400 - 70
’44400P - 70
’44400 - 80
’44400P - 80
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
VOH
High-level output voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current (leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current (leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1
Read- or write-cycle current
(see Note 3)
VCC = 5.5 V,
Minimum cycle
105
90
80
mA
After one memory cycle,
RAS and CAS high,
VIH = 2.4 V ( TTL)
2
2
2
mA
ICC2
Standby current
After one memory
cycle, RAS and CAS
high
’44400
1
1
1
mA
high,
VIH = VCC – 0.2 V
(CMOS)
’44400P
500
500
500
µA
ICC3
Average refresh current
(RAS only or CBR)
(see Note 4)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only);
RAS low after CAS low (CBR)
105
90
80
mA
ICC4
Average page
current
(see Notes 3 and 5)
VCC = 5.5 V,
tPC = MIN,
RAS low,
CAS cycling
90
80
70
mA
ICC6†
Self-refresh current
(see Note 3)
CAS
≤ 0.2 V,
RAS < 0.2 V,
tRAS and tCAS > 1000 ms
500
500
500
µA
ICC7
Standby current, outputs
enabled (see Note 3)
RAS = VIH,
CAS = VIL,
Data out = enabled
5
5
5
mA
ICC10†
Battery-backup current
(with CBR)
tRC = 125 µs, tRAS ≤ 1 ms,
VCC – 0.2 V ≤ VIH ≤ 6.5 V,
0 V
≤ VIL ≤ 0.2 V,
W and OE = VIH,
Address and data stable
500
500
500
µA
† For TMS44400P only
NOTES:
3. ICC MAX is specified with no load connected.
4. Measured with a maximum of one address change while RAS = VIL
5. Measured with a maximum of one address change while CAS = VIH


Similar Part No. - TMS46400P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS46400P TI-TMS46400P Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS46400PDGA TI-TMS46400PDGA Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS46400PDJ TI-TMS46400PDJ Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS46400P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS45160 TI1-TMS45160_08 Datasheet
361Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com