Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS44400-60DJ Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS44400-60DJ
Description  1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS44400-60DJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS44400-60DJ Datasheet HTML 5Page - Texas Instruments TMS44400-60DJ Datasheet HTML 6Page - Texas Instruments TMS44400-60DJ Datasheet HTML 7Page - Texas Instruments TMS44400-60DJ Datasheet HTML 8Page - Texas Instruments TMS44400-60DJ Datasheet HTML 9Page - Texas Instruments TMS44400-60DJ Datasheet HTML 10Page - Texas Instruments TMS44400-60DJ Datasheet HTML 11Page - Texas Instruments TMS44400-60DJ Datasheet HTML 12Page - Texas Instruments TMS44400-60DJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TMS44400, TMS44400P, TMS46400, TMS46400P
1048576-WORD BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMHS562C – MAY 1995 – REVISED NOVEMBER 1996
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’4x400 - 60
’4x400P - 60
’4x400 - 70
’4x400P - 70
’4x6400 - 80
’4x400P - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Cycle time, random read or write (see Note 8)
110
130
150
ns
tRWC
Cycle time, read-write
155
181
205
ns
tPC
Cycle time, page-mode read or write (see Note 9)
40
45
50
ns
tPRWC
Cycle time, page-mode read-write
85
96
105
ns
tRASP
Pulse duration, RAS low, page mode (see Note 10)
60
100 000
70
100 000
80
100 000
ns
tRAS
Pulse duration, RAS low, nonpage mode (see Note 10)
60
10 000
70
10 000
80
10 000
ns
tRASS
Pulse duration, RAS low, self refresh
100
100
100
µs
tCAS
Pulse duration, CAS low (see Note 11)
10
10 000
18
10 000
20
10 000
ns
tCP
Pulse duration, CAS high
10
10
10
ns
tRP
Pulse duration, RAS high (precharge)
40
50
60
ns
tRPS
Precharge time after self refresh using RAS
110
130
150
ns
tWP
Pulse duration, write
10
10
10
ns
tASC
Setup time, column address before CAS low
0
0
0
ns
tASR
Setup time, row address before RAS low
0
0
0
ns
tDS
Setup time, data (see Note 12)
0
0
0
ns
tRCS
Setup time, W high before CAS low
0
0
0
ns
tCWL
Setup time, W low before CAS high
15
18
20
ns
tRWL
Setup time, W low before RAS high
15
18
20
ns
tWCS
Setup time, W low before CAS low (early-write operation only)
0
0
0
ns
tWSR
Setup time, W high (CBR refresh only)
10
10
10
ns
tWTS
Setup time, W low (test mode only)
10
10
10
ns
tCAH
Hold time, column address after CAS low
10
15
15
ns
tDHR
Hold time, data after RAS low (see Note 13)
50
55
60
ns
tDH
Hold time, data (see Note 12)
10
15
15
ns
tAR
Hold time, column address after RAS low (see Note 13)
50
55
60
ns
tRAH
Hold time, row address after RAS low
10
10
10
ns
tRCH
Hold time, W high after CAS high (see Note 14)
0
0
0
ns
tRRH
Hold time, W high after RAS high (see Note 14)
0
0
0
ns
tWCH
Hold time, W low after CAS low (early-write operation only)
10
15
15
ns
tWCR
Hold time, W low after RAS low (see Note 13)
50
55
60
ns
tWHR
Hold time, W high (CBR refresh only)
10
10
10
ns
tWTH
Hold time, W low (test mode only)
10
10
10
ns
tCHS
Hold time, CAS low after RAS high (self refresh)
– 50
– 50
– 50
ns
tOEH
Hold time, OE command
15
18
20
ns
tOED
Hold time, OE to data delay
15
18
20
ns
NOTES:
8. All cycle times assume tT = 5 ns.
9. To ensure tPC min, tASC should be ≥ tCP .
10. In a read-write cycle, tRWD and tRWL must be observed.
11. In a read-write cycle, tCWD and tCWL must be observed.
12. Referenced to the later of CAS or W in write operations
13. The minimum value is measured when tRCD is set to tRCD min as a reference.
14. Either tRRH or tRCH must be satisfied for a read cycle.


Similar Part No. - TMS44400-60DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44400-70DJ TI-TMS44400-70DJ Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400-80DJ TI-TMS44400-80DJ Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS44400-60DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS45160 TI1-TMS45160_08 Datasheet
361Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com