Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS418169-60DZ Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS418169-60DZ
Description  1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS418169-60DZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS418169-60DZ Datasheet HTML 3Page - Texas Instruments TMS418169-60DZ Datasheet HTML 4Page - Texas Instruments TMS418169-60DZ Datasheet HTML 5Page - Texas Instruments TMS418169-60DZ Datasheet HTML 6Page - Texas Instruments TMS418169-60DZ Datasheet HTML 7Page - Texas Instruments TMS418169-60DZ Datasheet HTML 8Page - Texas Instruments TMS418169-60DZ Datasheet HTML 9Page - Texas Instruments TMS418169-60DZ Datasheet HTML 10Page - Texas Instruments TMS418169-60DZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TMS416169, TMS418169
1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
SMKS886C – MAY1995 – REVISED MARCH 1996
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS416169
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
’416169 - 60
’416169 - 70
’416169 - 80
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current (leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All other inputs = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current (leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
xCAS high
± 10
± 10
± 10
µA
ICC1ठRead- or write-cycle current
VCC = 5.5 V,
Minimum cycle
90
80
70
mA
ICC2
Standby current
VIH = 2.4 V ( TTL),
After 1 memory cycle,
RAS and xCAS high
2
2
2
mA
ICC2
Standby current
VIH = VCC – 0.2 V (CMOS),
After 1 memory cycle,
RAS and xCAS high
1
1
1
mA
ICC3§
Average refresh current
(RAS-only refresh or CBR)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
xCAS high (RAS only),
RAS low after xCAS low (CBR)
90
80
70
mA
ICC4ঠAverage EDO current
VCC = 5.5 V,
tHPC = MIN,
RAS low,
xCAS cycling
100
90
80
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change while xCAS = VIH


Similar Part No. - TMS418169-60DZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS418169 TI-TMS418169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169A-60DZ TI-TMS418169A-60DZ Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169A-60DZR TI-TMS418169A-60DZR Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS418169P-60 TI-TMS418169P-60 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
More results

Similar Description - TMS418169-60DZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416160 TI-TMS416160 Datasheet
413Kb / 28P
[Old version datasheet]   1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400 TI-TMS416400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS417400DJ-70 TI1-TMS417400DJ-70 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com