Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320E14 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320E14
Description  DIGITAL SIGNAL PROCESSORS
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320E14 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320E14 Datasheet HTML 5Page - Texas Instruments TMS320E14 Datasheet HTML 6Page - Texas Instruments TMS320E14 Datasheet HTML 7Page - Texas Instruments TMS320E14 Datasheet HTML 8Page - Texas Instruments TMS320E14 Datasheet HTML 9Page - Texas Instruments TMS320E14 Datasheet HTML 10Page - Texas Instruments TMS320E14 Datasheet HTML 11Page - Texas Instruments TMS320E14 Datasheet HTML 12Page - Texas Instruments TMS320E14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 149 page
background image
BRANCH ADDRESS
D
BRANCH ADDRESS
BRANCH ADDRESS
BRANCH ADDRESS
BRANCH ADDRESS
BRANCH ADDRESS
BRANCH ADDRESS
BRANCH ADDRESS
BRANCH ADDRESS
BRANCH ADDRESS
BRANCH ADDRESS
D
D
D
K
B
Branch unconditionally
2
2
BANZ
Branch on auxiliary register not zero
2
2
BGEZ
Branch if accumulator
02
2
BGZ
Branch if accumulator > 0
2
2
BIOZ
Branch on BIO = 0 †
22
BLEZ
Branch if accumulator
0
2
2
BLZ
Branch if accumulator < 0
2
2
BNZ
Branch if accumulator
02
2
BV
Branch on overflow
2
2
BZ
Branch if accumulator = 0
2
2
CALA
Call subroutine from accumulator
CALL
Call subroutine immediately
2
2
RET
Return from subroutine or interrupt routine
NO.
CYCLES
NO.
CYCLES
NO.
WORDS
NO.
WORDS
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
9
Table 3. TMS320C1x Instruction Set Summary (continued)
BRANCH INSTRUCTIONS
OPCODE
MNEMONIC
DESCRIPTION
INSTRUCTION REGISTER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
1
1
1
0
0
1
0
0
0
0
0
0
0
0
0
000
1
11101
0
0
0
0
0
0000
0
0
000
1
11111
0
1
0
0
0
0000
0
0
000
1
11111
0
0
0
0
0
0000
0
0
000
1
11101
1
0
0
0
0
0000
0
0
000
1
11110
1
1
0
0
0
0000
0
0
000
1
11110
1
0
0
0
0
0000
0
0
000
1
11111
1
0
0
0
0
0000
0
0
000
1
11101
0
1
0
0
0
0000
0
0
000
1
11111
1
1
0
0
0
0000
0
0
000
2
1
0
11111
1
1
1
0
0
0110
0
1
11110
0
0
0
0
0
0000
0
0
000
2
1
0
11111
1
1
1
0
0
0110
1
T REGISTER, P REGISTER, AND MULTIPLY INSTRUCTIONS
OPCODE
MNEMONIC
DESCRIPTION
INSTRUCTION REGISTER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
APAC
Add P register to accumulator
1
1
0
1
1
1
1
1
1
1
1
0
0
0
1
1
1
1
LT
Load T Register
1
1
0
11010
1
0
M
LTA
LTA combines LT and APAC into one instruction
1
1
0
11011
0
0
M
LTD
LTD combines LT, APAC, and DMOV into one instruction
1
1
0
11010
1
1
M
MPY
Multiply with T register, store product in P register
1
1
0
11011
0
1
M
MPYK
Multiply T register with immediate operand; store product
in P register
1
1
1
00
PAC
Load accumulator from P register
1
1
0
11111
1
1
1
0
0
0111
0
SPAC
Subtract P register from accumulator
1
1
0
1
1
1
1
1
1
1
1
0
0
1
0
0
0
0
† This instruction is a NOP on the
′320C14/E14/P14.


Similar Part No. - TMS320E14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320E14 TI-TMS320E14 Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320E14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com