Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP23S17 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP23S17
Description  16-Bit I/O Expander with Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S17 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP23S17 Datasheet HTML 4Page - Microchip Technology MCP23S17 Datasheet HTML 5Page - Microchip Technology MCP23S17 Datasheet HTML 6Page - Microchip Technology MCP23S17 Datasheet HTML 7Page - Microchip Technology MCP23S17 Datasheet HTML 8Page - Microchip Technology MCP23S17 Datasheet HTML 9Page - Microchip Technology MCP23S17 Datasheet HTML 10Page - Microchip Technology MCP23S17 Datasheet HTML 11Page - Microchip Technology MCP23S17 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCP23017/MCP23S17
DS20001952C-page 8
 2005-2016 Microchip Technology Inc.
FIGURE 1-5:
SPI INPUT TIMING
FIGURE 1-6:
SPI OUTPUT TIMING
TABLE 1-4:
SPI INTERFACE REQUIREMENTS
SPI Interface AC Characteristics: Unless otherwise noted, 1.8V
V
DD  5.5V at -40C  TA  +125C
Param.
No.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Clock Frequency
FCLK
5
MHz
1.8V – 5.5V
10
MHz
2.7V – 5.5V
10
MHz
4.5V – 5.5V
1CS Setup Time
TCSS
50
ns
2CS Hold Time
TCSH
100
ns
1.8V – 5.5V
50
ns
2.7V – 5.5V
3CS Disable Time
TCSD
100
ns
1.8V – 5.5V
50
ns
2.7V – 5.5V
4
Data Setup Time
TSU
20
ns
1.8V – 5.5V
10
ns
2.7V – 5.5V
Note 1:
This parameter is characterized, not 100% tested.
SCK
SI
SO
1
5
4
7
6
3
10
2
LSB in
MSB in
High-Impedance
11
Mode 1,1
Mode 0,0
Note 1:
When using SPI Mode 1,1 the CS pin needs to be toggled once before the first communication after
power-up.
CS (1)
CS
SCK
SO
8
13
MSB out
LSB out
2
14
Don’t Care
SI
Mode 1,1
Mode 0,0
9
12


Similar Part No. - MCP23S17

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23S17 MICROCHIP-MCP23S17 Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
MCP23S17-E/ML MICROCHIP-MCP23S17-E/ML Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
MCP23S17-E/SO MICROCHIP-MCP23S17-E/SO Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
MCP23S17-E/SP MICROCHIP-MCP23S17-E/SP Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
MCP23S17-E/SS MICROCHIP-MCP23S17-E/SS Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
More results

Similar Description - MCP23S17

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017 Datasheet
947Kb / 48P
   16-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
   8-Bit I/O Expander with Serial Interface
2007
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
   8-Bit I/O Expander with Serial Interface
2005
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com