Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55115 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN55115
Description  DUAL DIFFERENTIAL RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55115 Datasheet(HTML) 5 Page - Texas Instruments

  SN55115_15 Datasheet HTML 1Page - Texas Instruments SN55115_15 Datasheet HTML 2Page - Texas Instruments SN55115_15 Datasheet HTML 3Page - Texas Instruments SN55115_15 Datasheet HTML 4Page - Texas Instruments SN55115_15 Datasheet HTML 5Page - Texas Instruments SN55115_15 Datasheet HTML 6Page - Texas Instruments SN55115_15 Datasheet HTML 7Page - Texas Instruments SN55115_15 Datasheet HTML 8Page - Texas Instruments SN55115_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN55115
SN75115
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIT + §
Positive-going
threshold voltage
VO = 0 .4 V,
IOL = 15 mA,
VIC = 0
500
500
mV
VIT – §
Negative-going
threshold voltage
VO = 2 .4 V,
IOH = – 5 mA,
VIC = 0
– 500¶
– 500¶
mV
VICR
Common-mode
input voltage range
VID = ± 1 V
+15
to
–15
+24
to
–19
+15
to
–15
+24
to
–19
V
Hi h l
l
t
V
MIN
V0 5 V
TA = MIN
2.2
2.4
VOH
High-level ouput
voltage
VCC = MIN,
IOH = – 5mA
VID = – 0.5 V,
TA = 25°C
2.4
3.4
2.4
3.4
V
voltage
IOH = – 5 mA
TA = MAX
2.4
2.4
VOL
Low-level output
voltage
VCC = MIN,
IOL = 15 mA
VID = – 0.5 V,
0.22
0.4
0.22
0.45
V
Lll i
t
V
MAX
V
0 4 V
TA = MIN
– 0.9
– 0.9
IIL
Low-level input
current
VCC = MAX,
VI = 0.4 V,
Other input at 5 5 V
TA = 25°C
– 0.5
– 0.7
– 0.5
– 0.7
mA
current
Other in ut at 5.5 V
TA = MAX
– 0.7
– 0.7
ISH
High-level strobe
VCC = MIN,
VID = – 0.5 V,
TA = 25°C
2
5
µA
ISH
g
current
CC
,
Vstrobe = 4.5 V
ID
,
TA = MAX
5
10
µA
ISL
Low-level strobe
current
VCC = MAX,
Vstrobe = 0.4 V
VID = 0.5 V,
TA = 25°C
– 1.15
– 2.4
– 1.15
– 2.4
mA
I(RTC)
Response-time-
control current
VCC = MAX,
VRC = 0
VID = 0.5 V,
TA = 25°C
– 1.2
– 3.4
– 1.2
– 3.4
mA
VCC = MIN,
VOH = 12 V,
TA = 25°C
100
IO(off)
Off-state
open collector
CC
,
VID = – 4.5 V
OH
,
TA = MAX
200
µA
IO(off)
open-collector
output current
VCC = MIN,
VOH = 5.25 V, TA = 25°C
100
µA
out ut current
CC
,
VID = – 4.75 V
OH
,
TA = MAX
200
RT
Line-terminating
resistance
VCC = 5 V
TA = 25°C
77
130
167
74
130
179
IOS
Supply-circuit output
current #
VCC = MAX,
VO = 0
VID = – 0.5 V,
TA = 25°C
–15
–40
–80
–14
–40
– 100
mA
ICC
Supply current
(both receivers)
VCC = MAX,
VIC = 0
VID = 0.5 V,
TA = 25°C
32
50
32
50
mA
† Unless otherwise noted, Vstrobe = 2.4 V. All parameters with the exception of off-state open-collector output current are measured with the active
pullup connected to the sink output.
‡ All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
§ Differential voltages are at the B input terminal with respect to the A input terminal.
¶ The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold
voltages only.
# Only one output should be shorted to ground at a time, and duration of the short circuit should not exceed one second.


Similar Part No. - SN55115_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55115FK TI-SN55115FK Datasheet
183Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115J TI-SN55115J Datasheet
183Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115J TI1-SN55115J Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115J TI1-SN55115J Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN55115W TI-SN55115W Datasheet
183Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
More results

Similar Description - SN55115_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75115NSR TI1-SN75115NSR Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115 TI-SN55115 Datasheet
183Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115 TI1-SN55115_V01 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com