Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5308PJ-B-G-M903 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV5308PJ-B-G-M903
Description  32-Channel, Serial-to-Parallel Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5308PJ-B-G-M903 Datasheet(HTML) 4 Page - Microchip Technology

  HV5308PJ-B-G-M903 Datasheet HTML 1Page - Microchip Technology HV5308PJ-B-G-M903 Datasheet HTML 2Page - Microchip Technology HV5308PJ-B-G-M903 Datasheet HTML 3Page - Microchip Technology HV5308PJ-B-G-M903 Datasheet HTML 4Page - Microchip Technology HV5308PJ-B-G-M903 Datasheet HTML 5Page - Microchip Technology HV5308PJ-B-G-M903 Datasheet HTML 6Page - Microchip Technology HV5308PJ-B-G-M903 Datasheet HTML 7Page - Microchip Technology HV5308PJ-B-G-M903 Datasheet HTML 8Page - Microchip Technology HV5308PJ-B-G-M903 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HV5308 / HV5408
DS20005425A-page 4
 2015 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VDD .................................................................................................................................. -0.5V to +16V
Supply voltage, VPP................................................................................................................................... -0.5V to +90V
Logic input levels................................................................................................................................ -0.5V to VDD+0.5V
Ground current1 ....................................................................................................................................................... 1.5A
Continuous total power dissipation2 .................................................................................................................. 1200mW
Operating temperature range.................................................................................................................. -40°C to +85°C
Storage temperature range ................................................................................................................... -65°C to +150°C
1: Duty cycle is limited by the total power dissipated in the package.
2: For operation above 25°C ambient derate linearly to maximum operating temperature at 20mW/°C.
Note 1: L to H = Low to High; H to L = High to Low.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: VPP = 60V, VDD = 12V, TA = 25°C
Parameter
Symbol
Min
Max
Units Conditions
DC Characteristics
VPP supply current
IPP
-0.5
mA
HVOUTPUTS high to low
IDD supply current (quiescent)
IDDQ
-
100
µA
All inputs = VDD or GND
IDD supply current (operating)
IDD
-15
mA
VDD= VDD max, fCLK= 8.0MHz
High level logic input current
IIH
-1.0
µA
VIN= VDD
Low level logic input current
IIL
--1.0
µA
VIN= 0
High level output voltage
HVOUT
VOH
52
-
V
IOH= -20mA, -40 to 85°C
IOH= -15mA, -55 to 125°C
Data out
10.5
-
V
IO= -100µA
Low level output voltage
HVOUT
VOL
-8.0
V
IOL= 20mA, -40 to 85°C
IOL= 15mA, -55 to 125°C
Data out
-
1.0
V
IO= 100µA
HV output clamp diode voltage
VOC
--1.5
V
IOL= -100mA
AC Characteristics
Clock frequency
fCLK
-
8.0
MHz
---
Clock width, High or Low
tWL or tWH
62
-
ns
---
Setup time before CLK rises
tSU
25
-
ns
---
Hold time after CLK rises
tH
10
-
ns
---
Data output delay after L to H CLK
tDLH (Data)
-
110
ns
CL= 15pF, (Note 1)
Data output delay after H to L CLK
tDHL (Data)
-
110
ns
CL= 15pF, (Note 1)
LE delay after L to H CLK
tDLE
50
-
ns
(Note 1)
Width of LE pulse
tWLE
50
-
ns
---
LE setup time before L to H CLK
tSLE
50
-
ns
(Note 1)
Delay from LE to HVOUT, L to H
tON
-
500
ns
(Note 1)
Delay from LE to HVOUT, H to L
tOFF
-
500
ns
(Note 1)


Similar Part No. - HV5308PJ-B-G-M903

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV5308PJ-B-G-M903

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV5122 MICROCHIP-HV5122 Datasheet
349Kb / 15P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com