Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5222 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV5222
Description  32-Channel, Serial-to-Parallel Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5222 Datasheet(HTML) 5 Page - Microchip Technology

  HV5222 Datasheet HTML 1Page - Microchip Technology HV5222 Datasheet HTML 2Page - Microchip Technology HV5222 Datasheet HTML 3Page - Microchip Technology HV5222 Datasheet HTML 4Page - Microchip Technology HV5222 Datasheet HTML 5Page - Microchip Technology HV5222 Datasheet HTML 6Page - Microchip Technology HV5222 Datasheet HTML 7Page - Microchip Technology HV5222 Datasheet HTML 8Page - Microchip Technology HV5222 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005418B-page 5
HV5122 / HV5222
35
HVOUT1HVOUT32
High voltage outputs.
36
HVOUT2HVOUT31
37
HVOUT3HVOUT30
38
HVOUT4HVOUT29
39
HVOUT5HVOUT28
40
HVOUT6HVOUT27
41
HVOUT7HVOUT26
42
HVOUT8HVOUT25
43
HVOUT9HVOUT24
44
HVOUT10
HVOUT23
TABLE 2-1:
PIN DESCRIPTION PQFP (CONTINUED)
Pin #
HV5122
HV5222
Description
TABLE 2-2:
PIN DESCRIPTION PLCC
Pin #
HV5122
HV5222
Description
1HVOUT16
HVOUT17
High voltage outputs
2HVOUT17
HVOUT16
3HVOUT18
HVOUT15
4HVOUT19
HVOUT14
5HVOUT20
HVOUT13
6HVOUT21
HVOUT12
7HVOUT22
HVOUT11
8HVOUT23
HVOUT10
9HVOUT24
HVOUT9
10
HVOUT25
HVOUT8
11
HVOUT26
HVOUT7
12
HVOUT27
HVOUT6
13
HVOUT28
HVOUT5
14
HVOUT29
HVOUT4
15
HVOUT30
HVOUT3
16
HVOUT31
HVOUT2
17
HVOUT32
HVOUT1
18
DATA OUT
DATA OUT
Data output for cascading to the data input of the next device.
19
N/C
N/C
No connect.
20
21
22
23
OE
OE
Output enable input.
When OE is LOW, all HV outputs are forced into a LOW state,
regardless of data in each channel. When OE is HIGH, all HV
outputs reflect data latched.
24
CLK
CLK
Data shift register clock. Input are shifted into the shift register on
the positive edge of the clock.
25
GND
GND
Logic and high voltage ground.
26
VDD
VDD
Low voltage logic power rail.
27
STR
STR
Strobe.


Similar Part No. - HV5222

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5222 SUTEX-HV5222 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5222DJ SUTEX-HV5222DJ Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5222PG SUTEX-HV5222PG Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5222PJ SUTEX-HV5222PJ Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5222X SUTEX-HV5222X Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5222

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV5308 MICROCHIP-HV5308 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com