Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28066PZPQ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28066PZPQ
Description  Fast Interrupt Response and Processing
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28066PZPQ Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28066PZPQ Datasheet HTML 1Page - Texas Instruments TMS320F28066PZPQ Datasheet HTML 2Page - Texas Instruments TMS320F28066PZPQ Datasheet HTML 3Page - Texas Instruments TMS320F28066PZPQ Datasheet HTML 4Page - Texas Instruments TMS320F28066PZPQ Datasheet HTML 5Page - Texas Instruments TMS320F28066PZPQ Datasheet HTML 6Page - Texas Instruments TMS320F28066PZPQ Datasheet HTML 7Page - Texas Instruments TMS320F28066PZPQ Datasheet HTML 8Page - Texas Instruments TMS320F28066PZPQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 177 page
background image
2
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Device Overview
Copyright © 2010–2016, Texas Instruments Incorporated
1.2
Applications
Switch Mode Power Supplies (SMPSs)
Solar Micro Inverters and Converters
Power Factor Correction (PFC)
Smart Grid and Power Line Communications
AC/DC Inverters
1.3
Description
The F2806x Piccolo™ family of microcontrollers (MCUs) provides the power of the C28x core and CLA
coupled with highly integrated control peripherals in low pin-count devices. This family is code-compatible
with previous C28x-based code, and also provides a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the High-
Resolution Pulse Width Modulator (HRPWM) module to allow for dual-edge control (frequency
modulation). Analog comparators with internal 10-bit references have been added and can be routed
directly to control the ePWM outputs. The ADC converts from 0 to 3.3-V fixed full-scale range and
supports ratio-metric VREFHI/VREFLO references. The ADC interface has been optimized for low overhead
and latency.
(1)
For more information on these devices, see Section 9, Mechanical Packaging and Orderable
Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F28069PZP
HTQFP (100)
14.0 mm × 14.0 mm
TMS320F28069PFP
HTQFP (80)
12.0 mm × 12.0 mm
TMS320F28069PZ
LQFP (100)
14.0 mm × 14.0 mm
TMS320F28069PN
LQFP (80)
12.0 mm × 12.0 mm


Similar Part No. - TMS320F28066PZPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28066PZPQ TI-TMS320F28066PZPQ Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28066PZPQ TI-TMS320F28066PZPQ Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28066PZPQ TI1-TMS320F28066PZPQ Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28066PZPQ TI1-TMS320F28066PZPQ Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28066PZPQ TI1-TMS320F28066PZPQ Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28066PZPQ

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2729800 PHOENIX-2729800 Datasheet
84Kb / 5P
   Fast inputs for interrupt processing, event counting, and period measurement
2862288 PHOENIX-2862288 Datasheet
80Kb / 5P
   Fast inputs for interrupt processing, event counting, and period measurement
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
logo
Texas Instruments
LM306 TI1-LM306_14 Datasheet
313Kb / 15P
[Old version datasheet]   Fast Response Times Improved Gain and Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com