Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28PLC83PN Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320F28PLC83PN
Description  TMS320F28PLC8x Power Line Communications (PLC) Processors
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28PLC83PN Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28PLC83PN Datasheet HTML 1Page - Texas Instruments TMS320F28PLC83PN Datasheet HTML 2Page - Texas Instruments TMS320F28PLC83PN Datasheet HTML 3Page - Texas Instruments TMS320F28PLC83PN Datasheet HTML 4Page - Texas Instruments TMS320F28PLC83PN Datasheet HTML 5Page - Texas Instruments TMS320F28PLC83PN Datasheet HTML 6Page - Texas Instruments TMS320F28PLC83PN Datasheet HTML 7Page - Texas Instruments TMS320F28PLC83PN Datasheet HTML 8Page - Texas Instruments TMS320F28PLC83PN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TMS320F28PLC84, TMS320F28PLC83
SPRS802 – SEPTEMBER 2014
TMS320F28PLC8x Power Line Communications (PLC) Processors
1
Device Overview
1.1
Features
1
• System-on-Chip for Power Line Communications
• Power Supply
– Supports PLC Networks Using G3-PLC, PRIME,
– Single 3.3-V Power Supply
IEEE-1901.2, ITU G.9903, ITU G.9904
– Option to Disable On-chip Low-Dropout (LDO)
Standards in the CENELEC Frequency Band
Regulator and Supply 1.8-V Core Voltage With
(35 kHz–90 kHz)
External Regulator
– Designed to Operate With the AFE031 Analog
• Communications Peripherals
Front End (AFE) for PLC
– Two Serial Peripheral Interface (SPI) Ports
• Supports Texas Instruments PLC Software
– Two Serial Communications Interface (SCI)
– IEEE 1901.2
Ports
– ITU G.9903
– One Multichannel Buffered Serial Port (McBSP)
– ITU G.9904
McBSP Port can Also be Used as SPI
– PRIME
– One Inter-Integrated-Circuit (I2C) Port
– G3-PLC
• Analog Subsystem
• TMS320F28PLC84 Includes Key G3-PLC
– 12-Bit Analog-to-Digital Converters (ADCs),
Firmware Routines Loaded into On-chip ROM
Each With Dual Sample-and-Hold (S/H)
– Opens On-chip Flash Memory for Future
– ADC Operates at 3.4 MSPS
Firmware Enhancements
• 128-Bit Security Key and Lock
• 32-Bit C28x CPU Architecture Optimized for
– Protects Secure Memory Blocks
Orthogonal Frequency-Division Multiplex (OFDM)
– Prevents Firmware Reverse Engineering
Communications
– Blocks JTAG Access When Enabled
– Viterbi/Complex Math Unit (VCU)
• 80-Pin PN Low-Profile Quad Flatpack (LQFP)
– 90 MHz
• Industrial Temperature Range: –40ºC to 105ºC
• On-chip Memory
– 256KB of Flash
– 100KB of RAM
– Boot ROM
1.2
Applications
Electric Meters
Solar Inverters
Power Line Communications Data Concentrators
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320F28PLC83PN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28PLC83PNT TI1-TMS320F28PLC83PNT Datasheet
92Kb / 6P
[Old version datasheet]   TMS320F28PLC83 Power Line Communication (PLC) Microcontroller Technical Brief
TMS320F28PLC83PNTR TI1-TMS320F28PLC83PNTR Datasheet
92Kb / 6P
[Old version datasheet]   TMS320F28PLC83 Power Line Communication (PLC) Microcontroller Technical Brief
More results

Similar Description - TMS320F28PLC83PN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
   Communications Processors
P1011NXN2HFB FREESCALE-P1011NXN2HFB Datasheet
387Kb / 2P
   communications processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
   communications processors
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
   Communications Processors
2014-2015
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
   Power Line Communications
Rev. PrA
logo
Intersil Corporation
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
   Power Line Communication PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com