Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28PLC83PNT Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320F28PLC83PNT
Description  TMS320F28PLC8x Power Line Communications (PLC) Processors
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28PLC83PNT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320F28PLC83PNT Datasheet HTML 6Page - Texas Instruments TMS320F28PLC83PNT Datasheet HTML 7Page - Texas Instruments TMS320F28PLC83PNT Datasheet HTML 8Page - Texas Instruments TMS320F28PLC83PNT Datasheet HTML 9Page - Texas Instruments TMS320F28PLC83PNT Datasheet HTML 10Page - Texas Instruments TMS320F28PLC83PNT Datasheet HTML 11Page - Texas Instruments TMS320F28PLC83PNT Datasheet HTML 12Page - Texas Instruments TMS320F28PLC83PNT Datasheet HTML 13Page - Texas Instruments TMS320F28PLC83PNT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
TMS320F28PLC84, TMS320F28PLC83
SPRS802 – SEPTEMBER 2014
www.ti.com
Table 4-1. Signal Descriptions(1) (continued)
TERMINAL
I/O/Z
DESCRIPTION
PN
NAME
PIN NO.
CLOCK
See GPIO18. Output clock derived from SYSCLKOUT. XCLKOUT is either the same
frequency, one-half the frequency, or one-fourth the frequency of SYSCLKOUT. The value of
See
XCLKOUT
O/Z
XCLKOUT is controlled by bits 1:0 (XCLKOUTDIV) in the XCLK register. At reset, XCLKOUT
GPIO18
= SYSCLKOUT/4. The XCLKOUT signal can be turned off by setting XCLKOUTDIV to 3. The
mux control for GPIO18 must also be set to XCLKOUT for this signal to propogate to the pin.
See GPIO19 and GPIO38. External oscillator input. Pin source for the clock is controlled by
the XCLKINSEL bit in the XCLK register, GPIO38 is the default selection. This pin feeds a
clock from an external 3.3-V oscillator. In this case, the X1 pin, if available, must be tied to
See
GND and the on-chip crystal oscillator must be disabled via bit 14 in the CLKCTL register. If a
GPIO19
crystal/resonator is used, the XCLKIN path must be disabled by bit 13 in the CLKCTL register.
XCLKIN
I
and
NOTE: Designs that use the GPIO38/XCLKIN/TCK pin to supply an external clock for normal
GPIO38
device operation may need to incorporate some hooks to disable this path during debug using
the JTAG connector. This action is to prevent contention with the TCK signal, which is active
during JTAG debug sessions. The zero-pin internal oscillators may be used during this time to
clock the device.
On-chip crystal-oscillator input. To use this oscillator, a quartz crystal or a ceramic resonator
X1
48
I
must be connected across X1 and X2. In this case, the XCLKIN path must be disabled by bit
13 in the CLKCTL register. If this pin is not used, this pin must be tied to GND.
On-chip crystal-oscillator output. A quartz crystal or a ceramic resonator must be connected
X2
47
O
across X1 and X2. If X2 is not used, X2 must be left unconnected.
RESET
Device Reset (in) and Watchdog Reset (out). The F28PLC8x device has a built-in power-on
reset (POR) and brown-out reset (BOR) circuitry. During a power-on or brown-out condition,
this pin is driven low by the device. An external circuit may also drive this pin to assert a
device reset. This pin is also driven low by the device when a watchdog reset occurs. During
watchdog reset, the XRS pin is driven low for the watchdog reset duration of 512 OSCCLK
cycles. A resistor between 2.2 k
Ω and 10 kΩ should be placed between XRS and VDDIO. If a
XRS
9
I/OD
capacitor is placed between XRS and VSS for noise filtering, it should be 100 nF or smaller.
These values will allow the watchdog to properly drive the XRS pin to VOL within 512 OSCCLK
cycles when the watchdog reset is asserted. Regardless of the source, a device reset causes
the device to terminate execution. The program counter points to the address contained at the
location 0x3F FFC0. When reset is deactivated, execution begins at the location designated
by the program counter. The output buffer of this pin is an open-drain with an internal pullup.
(
↑)
10
Terminal Configuration and Functions
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28PLC84 TMS320F28PLC83


Similar Part No. - TMS320F28PLC83PNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28PLC83PNT TI1-TMS320F28PLC83PNT Datasheet
92Kb / 6P
[Old version datasheet]   TMS320F28PLC83 Power Line Communication (PLC) Microcontroller Technical Brief
TMS320F28PLC83PNTR TI1-TMS320F28PLC83PNTR Datasheet
92Kb / 6P
[Old version datasheet]   TMS320F28PLC83 Power Line Communication (PLC) Microcontroller Technical Brief
More results

Similar Description - TMS320F28PLC83PNT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
   Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
   Communications Processors
P1010NSN5HHA FREESCALE-P1010NSN5HHA Datasheet
209Kb / 2P
   Communications Processors
P1011NXN2HFB FREESCALE-P1011NXN2HFB Datasheet
387Kb / 2P
   communications processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
   communications processors
logo
NXP Semiconductors
T1024 NXP-T1024 Datasheet
142Kb / 3P
   Communications Processors
2014-2015
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
   Power Line Communications
Rev. PrA
logo
Intersil Corporation
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
   Power Line Communication PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com