Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28069FPZT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28069FPZT
Description  Fast Interrupt Response and Processing
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069FPZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F28069FPZT Datasheet HTML 7Page - Texas Instruments TMS320F28069FPZT Datasheet HTML 8Page - Texas Instruments TMS320F28069FPZT Datasheet HTML 9Page - Texas Instruments TMS320F28069FPZT Datasheet HTML 10Page - Texas Instruments TMS320F28069FPZT Datasheet HTML 11Page - Texas Instruments TMS320F28069FPZT Datasheet HTML 12Page - Texas Instruments TMS320F28069FPZT Datasheet HTML 13Page - Texas Instruments TMS320F28069FPZT Datasheet HTML 14Page - Texas Instruments TMS320F28069FPZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 177 page
background image
11
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
Terminal Configuration and Functions
Copyright © 2010–2016, Texas Instruments Incorporated
4.2
Signal Descriptions
Table 4-1 describes the signals. With the exception of the JTAG pins, the GPIO function is the default at
reset, unless otherwise mentioned. The peripheral signals that are listed under them are alternate
functions. Some peripheral functions may not be available in all devices. See Table 3-1 for details. Inputs
are not 5-V tolerant. All GPIO pins are I/O/Z and have an internal pullup (PU), which can be selectively
enabled or disabled on a per-pin basis. This feature only applies to the GPIO pins. The pullups on the
PWM pins are not enabled at reset. The pullups on other GPIO pins are enabled upon reset. The AIO pins
do not have an internal pullup.
NOTE
When the on-chip voltage regulator (VREG) is used, the GPIO19, GPIO26–27, and
GPIO34–38 pins could glitch during power up. If this is unacceptable in an application, 1.8 V
could be supplied externally. There is no power-sequencing requirement when using an
external 1.8-V supply. However, if the 3.3-V transistors in the level-shifting output buffers of
the I/O pins are powered before the 1.9-V transistors, it is possible for the output buffers to
turn on, causing a glitch to occur on the pin during power up. To avoid this behavior, power
the VDD pins before or simultaneously with the VDDIO pins, ensuring that the VDD pins have
reached 0.7 V before the VDDIO pins reach 0.7 V.
Table 4-1. Signal Descriptions(1)
PIN NAME
PIN NO.
I/O/Z
DESCRIPTION
PZ
PZP
PN
PFP
JTAG
TRST
12
10
I
JTAG test reset with internal pulldown (PD). TRST, when driven high, gives the scan
system control of the operations of the device. If this signal is not connected or driven
low, the device operates in its functional mode, and the test reset signals are ignored.
NOTE: TRST is an active-high test pin and must be maintained low at all times during
normal device operation. An external pulldown resistor is required on this pin. The
value of this resistor should be based on drive strength of the debugger pods
applicable to the design. A 2.2-k
Ω resistor generally offers adequate protection.
Because this is application-specific, TI recommends validating each target board for
proper operation of the debugger and the application. (
↓)
TCK
See GPIO38
I
See GPIO38. JTAG test clock with internal pullup. (
↑)
TMS
See GPIO36
I
See GPIO36. JTAG test-mode select (TMS) with internal pullup. This serial control
input is clocked into the TAP controller on the rising edge of TCK. (
↑)
TDI
See GPIO35
I
See GPIO35. JTAG test data input (TDI) with internal pullup. TDI is clocked into the
selected register (instruction or data) on a rising edge of TCK. (
↑)
TDO
See GPIO37
O/Z
See GPIO37. JTAG scan out, test data output (TDO). The contents of the selected
register (instruction or data) are shifted out of TDO on the falling edge of TCK.
(8-mA drive)
FLASH
VDD3VFL
46
37
3.3-V Flash Core Power Pin. This pin should be connected to 3.3 V at all times.
TEST2
45
36
I/O
Test Pin. Reserved for TI. Must be left unconnected.


Similar Part No. - TMS320F28069FPZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069FPZT TI-TMS320F28069FPZT Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPZT TI-TMS320F28069FPZT Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPZT TI1-TMS320F28069FPZT Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPZT TI1-TMS320F28069FPZT Datasheet
2Mb / 177P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPZT TI1-TMS320F28069FPZT Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28069FPZT

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2729800 PHOENIX-2729800 Datasheet
84Kb / 5P
   Fast inputs for interrupt processing, event counting, and period measurement
2862288 PHOENIX-2862288 Datasheet
80Kb / 5P
   Fast inputs for interrupt processing, event counting, and period measurement
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
logo
Texas Instruments
LM306 TI1-LM306_14 Datasheet
313Kb / 15P
[Old version datasheet]   Fast Response Times Improved Gain and Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com