Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LBC51PZA Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320LBC51PZA
Description  DIGITAL SIGNAL PROCESSORS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320LBC51PZA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320LBC51PZA Datasheet HTML 7Page - Texas Instruments TMS320LBC51PZA Datasheet HTML 8Page - Texas Instruments TMS320LBC51PZA Datasheet HTML 9Page - Texas Instruments TMS320LBC51PZA Datasheet HTML 10Page - Texas Instruments TMS320LBC51PZA Datasheet HTML 11Page - Texas Instruments TMS320LBC51PZA Datasheet HTML 12Page - Texas Instruments TMS320LBC51PZA Datasheet HTML 13Page - Texas Instruments TMS320LBC51PZA Datasheet HTML 14Page - Texas Instruments TMS320LBC51PZA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Functions for Devices in the PZ Package (Continued)
SIGNAL
TYPE
DESCRIPTION
TDM SERIAL PORT INTERFACE
TDR
I
TDM serial receive-data input
TDX
O/Z
TDM serial transmit-data output. In high-impedance state when not transmitting
TCLKR
I
TDM serial receive-data clock input
TCLKX
I/O/Z
TDM serial transmit-data clock. Internal or external source
TFSR / TADD
I/O/Z
TDM serial receive-frame-synchronization input. In the TDM mode, TFSR / TADD is used to output /
input the address of the port
TFSX / TFRM
I
TDM serial transmit-frame-synchronization signal. Internal or external source. In the TDM mode,
TFSX / TFRM becomes TFRM, the TDM frame sync.
EMULATION/JTAG INTERFACE
TDI
I
JTAG-test-port scan data input
TDO
O/Z
JTAG-test-port scan data output
TMS
I
JTAG-test-port mode select input
TCK
I
JTAG-port clock input
TRST
I
JTAG-port reset (with pull-down resistor). Disables JTAG when low
EMU0
I/O/Z
Emulation control 0. Reserved for emulation use
EMU1 / OFF
I/O/Z
Emulation control 1. Puts outputs in high-impedance state when low
CLOCK GENERATION AND CONTROL (SEE NOTE 2)
X1
O
Oscillator output
X2 / CLKIN
I
Clock/oscillator input (PLL clock input for ’C56)
CLKIN2
I
Clock input (PLL clock input for ’C50, ’C51, ’C52, ’C53, ’C53S)
CLKMD1, CLKMD2,
CLKMD3
I
Clock-mode select inputs
CLKOUT1
O/Z
Device system-clock output
POWER SUPPLY CONNECTIONS
VDDA
S
Supply connection, address-bus output
VDDD
S
Supply connection, data-bus output
VDDC
S
Supply connection, control output
VDDI
S
Supply connection, internal logic
VSSA
S
Supply connection, address-bus output
VSSD
S
Supply connection, data-bus output
VSSC
S
Supply connection, control output
VSSI
S
Supply connection, internal logic
LEGEND:
I = Input
O = Output
S = Supply
Z = High impedance
NOTE 2: CLKIN2 pin is replaced by CLKMD3 pin on ’LC56 devices.


Similar Part No. - TMS320LBC51PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LBC51PZA TI-TMS320LBC51PZA Datasheet
1Mb / 91P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC51PZA57 TI-TMS320LBC51PZA57 Datasheet
1Mb / 91P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320LBC51PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com