Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD23285F5T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD23285F5T
Description  12-V, P-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23285F5T Datasheet(HTML) 3 Page - Texas Instruments

  CSD23285F5T Datasheet HTML 1Page - Texas Instruments CSD23285F5T Datasheet HTML 2Page - Texas Instruments CSD23285F5T Datasheet HTML 3Page - Texas Instruments CSD23285F5T Datasheet HTML 4Page - Texas Instruments CSD23285F5T Datasheet HTML 5Page - Texas Instruments CSD23285F5T Datasheet HTML 6Page - Texas Instruments CSD23285F5T Datasheet HTML 7Page - Texas Instruments CSD23285F5T Datasheet HTML 8Page - Texas Instruments CSD23285F5T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
CSD23285F5
www.ti.com
SLPS608 – AUGUST 2016
Product Folder Links: CSD23285F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = –250 μA
–12
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = –9.6 V
–100
nA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = –5 V
–25
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = –250 μA
–0.40
–0.65
–0.95
V
RDS(on)
Drain-to-source on-resistance
VGS = –1.5 V, IDS = –1 A
64
130
m
VGS = –1.8 V, IDS = –1 A
49
80
VGS = –2.5 V, IDS = –1 A
38
47
VGS = –4.5 V, IDS = –1 A
29
35
gfs
Transconductance
VDS = –1.2 V, IDS = –1 A
8.9
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = –6 V,
ƒ = 1 MHz
483
628
pF
Coss
Output capacitance
305
397
pF
Crss
Reverse transfer capacitance
37
48
pF
RG
Series gate resistance
17
Qg
Gate charge total (–4.5 V)
VDS = –6 V, IDS = –1 A
3.2
4.2
nC
Qgd
Gate charge gate-to-drain
0.48
nC
Qgs
Gate charge gate-to-source
0.66
nC
Qg(th)
Gate charge at Vth
0.40
nC
Qoss
Output charge
VDS = –6 V, VGS = 0 V
4.8
nC
td(on)
Turnon delay time
VDS = –6 V, VGS = –4.5 V,
IDS = –1 A, RG = 2 Ω
15
ns
tr
Rise time
5
ns
td(off)
Turnoff delay time
30
ns
tf
Fall time
13
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = –1 A, VGS = 0 V
–0.73
–1
V
(1)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
90
°C/W
Junction-to-ambient thermal resistance(2)
245


Similar Part No. - CSD23285F5T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD23280F3 TI1-CSD23280F3 Datasheet
1Mb / 14P
[Old version datasheet]   12V P-Channel FemtoFET MOSFET
CSD23280F3T TI1-CSD23280F3T Datasheet
1Mb / 14P
[Old version datasheet]   12V P-Channel FemtoFET MOSFET
More results

Similar Description - CSD23285F5T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com