Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC104 Datasheet(PDF) 5 Page - Texas Instruments

Part # MPC104
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104 Datasheet(HTML) 5 Page - Texas Instruments

  MPC104 Datasheet HTML 1Page - Texas Instruments MPC104 Datasheet HTML 2Page - Texas Instruments MPC104 Datasheet HTML 3Page - Texas Instruments MPC104 Datasheet HTML 4Page - Texas Instruments MPC104 Datasheet HTML 5Page - Texas Instruments MPC104 Datasheet HTML 6Page - Texas Instruments MPC104 Datasheet HTML 7Page - Texas Instruments MPC104 Datasheet HTML 8Page - Texas Instruments MPC104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
®
MPC104
5
TYPICAL PERFORMANCE CURVES
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
–40
–20
0
20
60
80
100
Temperature (°C)
18
16
14
12
10
8
6
4
2
0
INPUT OFFSET VOLTAGE vs TEMPERATURE
40
–40
–20
0
20
60
80
100
Temperature (°C)
INPUT BIAS CURRENT vs TEMPERATURE
40
7
6
5
4
3
2
1
0
10k
100k
1M
10M
100M
1G
Frequency (Hz)
100
1.0M
100k
10k
1k
INPUT IMPEDANCE vs FREQUENCY
10k
100k
1M
10M
100M
1G
Frequency (Hz)
90
80
70
60
50
40
30
20
10
100
OUTPUT IMPEDANCE vs FREQUENCY
–40
–20
0
20
60
80
100
Temperature (°C)
0
9
8
7
6
5
4
3
2
1
TOTAL POSITIVE QUIESCENT CURRENT
vs TEMPERATURE
40
One Channel Selected
–40
–20
0
20
60
80
100
Temperature (°C)
0
140
120
100
80
60
40
20
TOTAL POSITIVE QUIESCENT CURRENT
vs TEMPERATURE
40
No Channel Selected


Similar Part No. - MPC104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
NEC
MPC1040LR36C NEC-MPC1040LR36C Datasheet
2Mb / 104P
   Power Inductors
logo
Kemet Corporation
MPC1040LR36C KEMET-MPC1040LR36C Datasheet
69Kb / 1P
   Power, MPC, 360 nH, 20%
logo
NEC
MPC1040LR45C NEC-MPC1040LR45C Datasheet
2Mb / 104P
   Power Inductors
logo
Kemet Corporation
MPC1040LR45C KEMET-MPC1040LR45C Datasheet
68Kb / 1P
   Power, MPC, 450 nH, 20%
More results

Similar Description - MPC104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
   WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
Analog Devices
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com