Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC104 Datasheet(PDF) 7 Page - Texas Instruments

Part # MPC104
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPC104 Datasheet HTML 3Page - Texas Instruments MPC104 Datasheet HTML 4Page - Texas Instruments MPC104 Datasheet HTML 5Page - Texas Instruments MPC104 Datasheet HTML 6Page - Texas Instruments MPC104 Datasheet HTML 7Page - Texas Instruments MPC104 Datasheet HTML 8Page - Texas Instruments MPC104 Datasheet HTML 9Page - Texas Instruments MPC104 Datasheet HTML 10Page - Texas Instruments MPC104 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
®
MPC104
7
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 10kΩ, RIN = 100Ω, RSOURCE = 50Ω, and TA = +25°C, unless otherwise noted.
0
2040
6080
100
Time (ns)
V
IN = 0.2Vp-p, COUT = 1pF
t
RISE = tFALL = 2ns (Generator)
150
100
50
0
–50
–100
–150
SMALL SIGNAL PULSE RESPONSE
0
2040
6080
100
Time (ns)
V
IN = 0.2Vp-p, COUT = 47pF
t
RISE = tFALL = 2ns (Generator)
150
100
50
0
–50
–100
–150
SMALL SIGNAL PULSE RESPONSE
0
2040
6080
100
Time (ns)
V
IN = 4Vp-p, COUT = 1pF
t
RISE = tFALL = 2ns (Generator)
3
2
1
0
–1
–2
–3
LARGE SIGNAL PULSE RESPONSE
0
2040
6080
100
Time (ns)
V
IN = 4Vp-p, COUT = 47pF
t
RISE = tFALL = 2ns (Generator)
3
2
1
0
–1
–2
–3
LARGE SIGNAL PULSE RESPONSE
GROUP DELAY TIME vs FREQUENCY
Frequency (Hz)
1M
10M
100M
1G
3
2
1
0
–1
DUT
100
22
180
V
OUT
V
IN
50
1pF
BUF601
V
IN = 1.4Vp-p
5
0
–5
–10
–15
–20
–25
Frequency (Hz)
1M
10M
100M
1G
BANDWIDTH vs C
OUT WITH RECOMMENDED ROUT
1pF
10pF
22pF
33pF
47pF
R
OUT
1pF
0
571MHz
f
–3dB
C
OUT
10pF 27
Ω 364MHz
22pF
33pF
47pF
16
12
8
279MHz
231MHz
188MHz


Similar Part No. - MPC104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
NEC
MPC1040LR36C NEC-MPC1040LR36C Datasheet
2Mb / 104P
   Power Inductors
logo
Kemet Corporation
MPC1040LR36C KEMET-MPC1040LR36C Datasheet
69Kb / 1P
   Power, MPC, 360 nH, 20%
logo
NEC
MPC1040LR45C NEC-MPC1040LR45C Datasheet
2Mb / 104P
   Power Inductors
logo
Kemet Corporation
MPC1040LR45C KEMET-MPC1040LR45C Datasheet
68Kb / 1P
   Power, MPC, 450 nH, 20%
More results

Similar Description - MPC104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
   WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
Analog Devices
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com