Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC104AU Datasheet(PDF) 11 Page - Texas Instruments

Part # MPC104AU
Description  Wide-Bandwidth 2x1 VIDEO MULTIPLEXER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC104AU Datasheet(HTML) 11 Page - Texas Instruments

Back Button MPC104AU Datasheet HTML 7Page - Texas Instruments MPC104AU Datasheet HTML 8Page - Texas Instruments MPC104AU Datasheet HTML 9Page - Texas Instruments MPC104AU Datasheet HTML 10Page - Texas Instruments MPC104AU Datasheet HTML 11Page - Texas Instruments MPC104AU Datasheet HTML 12Page - Texas Instruments MPC104AU Datasheet HTML 13Page - Texas Instruments MPC104AU Datasheet HTML 14Page - Texas Instruments MPC104AU Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
®
MPC104
11
FIGURE 4. Off Isolation Test Circuit 2.
FIGURE 5. Interchannel Crosstalk.
FIGURE 6. Off Isolation.
FIGURE 3. Crosstalk Test Circuit 1.
CHANNEL
SEL
1
SEL
2
IN
1
IN
2
R
IN1
R
IN2
DB1
1
0
GND
V
IN
200
100
DB2
0
1
V
IN
GND
100
200
SEL
1
0
SEL
2
0
DB1
50
50
DB2
MPC104
SEL
1
SEL
2
R
IN1
IN
1
R
IN2
IN
2
V
OUT
50
50
V
IN1
DB1
50
50
DB2
MPC104
100
IN
1
100
IN
2
SEL
1
SEL
2
Frequency (Hz)
10M
100M
1G
1M
400k
–20
–40
–60
–80
–100
–120
–140
MPC104AP
MPC104AU
Frequency (Hz)
10M
100M
1G
1M
400k
–20
–40
–60
–80
–100
–120
–140
MPC104AP
MPC104AU


Similar Part No. - MPC104AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC104AU BURR-BROWN-MPC104AU Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
More results

Similar Description - MPC104AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
Fairchild Semiconductor
FSAV332 FAIRCHILD-FSAV332 Datasheet
119Kb / 7P
   Wide Bandwidth Video Switch
logo
List of Unclassifed Man...
MSK620 ETC-MSK620 Datasheet
447Kb / 6P
   WIDE BANDWIDTH VIDEO AMPLIFIER SYSTEM
logo
Analog Devices
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
   Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com