Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1050 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1050
Description  5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1050 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1050 Datasheet HTML 7Page - Dallas Semiconductor DS1050 Datasheet HTML 8Page - Dallas Semiconductor DS1050 Datasheet HTML 9Page - Dallas Semiconductor DS1050 Datasheet HTML 10Page - Dallas Semiconductor DS1050 Datasheet HTML 11Page - Dallas Semiconductor DS1050 Datasheet HTML 12Page - Dallas Semiconductor DS1050 Datasheet HTML 13Page - Dallas Semiconductor DS1050 Datasheet HTML 14Page - Dallas Semiconductor DS1050 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DS1050
11 of 17
DS1050 COMMANDS AND PROTOCOL Figure 4
MSB
LSB
S
T
A
R
T
A0
A1
A2
1
0
1
00
R/W=0
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
00
Don't Care
1
MSB
LSB
A0
A1
A2
1
0
1
00
R/W=0
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
11
Don't Care
0
SET SHUT-DOWN MODE
MSB
LSB
A0
A1
A2
1
0
1
01
R/W=1
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
00
PWM-DATA
0
READ PWM DUTY CYCLE
MSB
LSB
A0
A1
A2
1
0
1
00
R/W=0
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
10
Don't Care
0
RECALL MODE
(e)
(d)
(c)
(b)
S
T
A
R
T
S
T
A
R
T
S
T
A
R
T
S
T
A
R
T
S
T
O
P
S
T
O
P
S
T
O
P
S
T
O
P
MSB
LSB
S
A
A0
A1
A2
1
0
1
00
R/W=0
CONTROL
BYTE
MSB
LSB
PWM
DATABYTE
00
PWM Data
0
SET PWM DUTY CYCLE
(a)
S
T
A
R
T
S
T
A
R
T
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K


Similar Part No. - DS1050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
   5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
logo
Advanced Energy Industr...
DS1050 ADVANCEDENERGY-DS1050 Datasheet
565Kb / 7P
   Distributed Power Bulk Front-End
01 12.10
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
DS1050-3-001 ARTESYN-DS1050-3-001 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
DS1050-3-002 ARTESYN-DS1050-3-002 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS1050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
   5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
logo
Dallas Semiconductor
DS1052 DALLAS-DS1052 Datasheet
211Kb / 14P
   5-Bit, Programmable, 100kHz Pulse-Width Modulator
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com