Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1406 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1406
Description  6A High-Speed Power MOSFET Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1406_16 Datasheet HTML 1Page - Microchip Technology MCP1406_16 Datasheet HTML 2Page - Microchip Technology MCP1406_16 Datasheet HTML 3Page - Microchip Technology MCP1406_16 Datasheet HTML 4Page - Microchip Technology MCP1406_16 Datasheet HTML 5Page - Microchip Technology MCP1406_16 Datasheet HTML 6Page - Microchip Technology MCP1406_16 Datasheet HTML 7Page - Microchip Technology MCP1406_16 Datasheet HTML 8Page - Microchip Technology MCP1406_16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MCP1406/07
DS20002019C-page 2
 2006-2016 Microchip Technology Inc.
Package Types
1
2
3
45
6
7
8
VDD
VDD
OUT
OUT
GND
GND
INPUT
NC
8-Pin PDIP/SOIC
MCP1407
MCP1406
VDD
OUT
OUT
GND
VDD
GND
INPUT
NC
5-Pin TO-220
MCP1407
MCP1406
VDD
OUT
OUT
GND
Tab is common to VDD
Note 1: Duplicate pins must both be connected for proper operation.
2: Exposed pad of the DFN package is electrically isolated; see Table 3-1.
1
2
3
45
6
7
8
VDD
GND
INPUT
NC
1234 5
MCP1406
12345
MCP1407
1
2
3
4
8
7
6
5
EP
9
VDD
GND
INPUT
NC
VDD
OUT
OUT
GND
1
2
3
4
8
7
6
5
EP
9
8-Pin 6x5 DFN-S(2)


Similar Part No. - MCP1406_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1406-E/AT MICROCHIP-MCP1406-E/AT Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
MCP1406-E/MF MICROCHIP-MCP1406-E/MF Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
MCP1406-E/PA MICROCHIP-MCP1406-E/PA Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
MCP1406-E/SN MICROCHIP-MCP1406-E/SN Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
MCP1406T-E/AT MICROCHIP-MCP1406T-E/AT Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
More results

Similar Description - MCP1406_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com