Electronic Components Datasheet Search |
|
CS5212GDR14 Datasheet(PDF) 9 Page - ON Semiconductor |
|
CS5212GDR14 Datasheet(HTML) 9 Page - ON Semiconductor |
9 / 16 page CS5212 http://onsemi.com 9 MOSFET & Heatsink Selection Power dissipation, package size, and thermal solution drive MOSFET selection. To adequately size the heat sink, the design must first predict the MOSFET power dissipation. Once the dissipation is known, the heat sink thermal impedance can be calculated to prevent the specified maximum case or junction temperatures from being exceeded at the highest ambient temperature. Power dissipation has two primary contributors: conduction losses and switching losses. The control or upper MOSFET will display both switching and conduction losses. The synchronous or lower MOSFET will exhibit only conduction losses because it switches into nearly zero voltage. However, the body diode in the synchronous MOSFET will suffer diode losses during the non–overlap time of the gate drivers. For the upper or control MOSFET, the power dissipation can be approximated from: PD,CONTROL + (IRMS,CNTL2 @ RDS(on)) ) (ILo,MAX @ Qswitch Ig @ VIN @ fSW) ) (Qoss 2 @ VIN @ fSW) ) (VIN @ QRR @ fSW) The first term represents the conduction or IR losses when the MOSFET is ON while the second term represents the switching losses. The third term is the losses associated with the control and synchronous MOSFET output charge when the control MOSFET turns ON. The output losses are caused by both the control and synchronous MOSFET but are dissipated only in the control FET. The fourth term is the loss due to the reverse recovery time of the body diode in the synchronous MOSFET. The first two terms are usually adequate to predict the majority of the losses. Where IRMS,CNTL is the RMS value of the trapezoidal current in the control MOSFET: IRMS,CNTL + D @ [(ILo,MAX2 ) ILo,MAX @ ILo,MIN ) ILo,MIN2) 3]1 2 ILo,MAX is the maximum output inductor current: ILo,MAX + IO,MAX 2 ) DILo 2 ILo,MIN is the minimum output inductor current: ILo,MIN + IO,MAX 2 * DILo 2 IO,MAX is the maximum converter output current. D is the duty cycle of the converter: D + VOUT VIN ∆ILo is the peak–to–peak ripple current in the output inductor of value Lo: DILo + (VIN * VOUT) @ D (Lo @ fSW) RDS(on) is the ON resistance of the MOSFET at the applied gate drive voltage. Qswitch is the post gate threshold portion of the gate–to–source charge plus the gate–to–drain charge. This may be specified in the data sheet or approximated from the gate–charge curve as shown in the Figure 5. Qswitch + Qgs2 ) Qgd ID VGATE VDRAIN QGD QGS2 QGS1 VGS_TH Figure 5. MOSFET Switching Characteristics Ig is the output current from the gate driver IC. VIN is the input voltage to the converter. fsw is the switching frequency of the converter. QG is the MOSFET total gate charge to obtain RDS(on). Commonly specified in the data sheet. Vg is the gate drive voltage. QRR is the reverse recovery charge of the lower MOSFET. Qoss is the MOSFET output charge specified in the data sheet. For the lower or synchronous MOSFET, the power dissipation can be approximated from: PD,SYNCH + (IRMS,SYNCH2 @ RDS(on)) ) (Vfdiode @ IO,MAX 2 @ t_nonoverlap @ fSW) The first term represents the conduction or IR losses when the MOSFET is ON and the second term represents the diode losses that occur during the gate non–overlap time. All terms were defined in the previous discussion for the control MOSFET with the exception of: IRMS,SYNCH + 1 * D @ [(ILo,MAX2 ) ILo,MAX @ ILo,MIN ) ILo,MIN2) 3]1 2 where: Vfdiode is the forward voltage of the MOSFET’s intrinsic diode at the converter output current. t_nonoverlap is the non–overlap time between the upper and lower gate drivers to prevent cross conduction. This time is usually specified in the data sheet for the control IC. When the MOSFET power dissipations are known, the designer can calculate the required thermal impedance to maintain a specified junction temperature at the worst case ambient operating temperature |
Similar Part No. - CS5212GDR14 |
|
Similar Description - CS5212GDR14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |