Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7360 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV7360
Description  High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7360 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV7360 Datasheet HTML 3Page - Microchip Technology HV7360 Datasheet HTML 4Page - Microchip Technology HV7360 Datasheet HTML 5Page - Microchip Technology HV7360 Datasheet HTML 6Page - Microchip Technology HV7360 Datasheet HTML 7Page - Microchip Technology HV7360 Datasheet HTML 8Page - Microchip Technology HV7360 Datasheet HTML 9Page - Microchip Technology HV7360 Datasheet HTML 10Page - Microchip Technology HV7360 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005570A-page 7
HV7360/HV7361
2.0
PAD DESCRIPTION
Table 2-1
details
the
description
of
pads
in
HV7360/HV7361.
TABLE 2-1:
PAD FUNCTION TABLE
Pad
Location
HV7360
Symbol
HV7361
Symbol
Description
A1
GND
GND
Driver and level translator circuit ground return (0V)
A2
IND
IND
Damping N-FET control signal logic input, controlling N-FET2
A3
INC
INC
Damping P-FET control signal logic input, controlling P-FET2
A4
VSS
VSS
Negative voltage power supply (0V)
A6
VDD
VDD
Positive voltage supply (+10V), should connect to an external decoupling cap to
VSS (0V)
A7
INB
INB
Pulsing N-FET control signal logic input, controlling N-FET1
A8
INA
INA
Pulsing P-FET control signal logic input, controlling P-FET1
A9
PE
PE
Drive power enable Hi = On, Low = Off, logic ‘1’ voltage reference input (+2.5V to
+3.3V)
B2
VL2
VL2
Gate-drive negative voltage power supply (0V)
B8
VL1
VL1
Gate-drive negative voltage power supply (0V)
F4
VH
VH
Gate-drive positive voltage power supply (+10V)
F7
VL3
VL3
VH to VL decoupling cap. The trace connecting VL1, VL2, and VL3 (0V) to ground
plane should be as short as possible.
G4
NC
No connection for HV7360
RX
T/R switch output for HV7361
P1
SP2
SP2
Source of P-FET2, positive high voltage power supply (0 to +100V) or GND
P2
DP2
DP2
Drain of P-FET2, transmit pulser output
P3
DN2
DN2
Drain of N-FET2, transmit pulser output
P4
SN2
SN2
Source of N-FET2, negative high voltage power supply (0 to –100V) or GND
P5
NC
No connection for HV7360
XDCR
T/R switch input for HV7361
P6
SP1
SP1
Source of P-FET1, positive high voltage power supply (0 to +100V)
P7
DP1
DP1
Drain of P-FET1, transmit pulser output
P8
DN1
DN1
Drain of N-FET1, transmit pulser output
P9
SN1
SN1
Source of N-FET1, negative high voltage power supply (0 to –100V)


Similar Part No. - HV7360

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
   High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
HV7360LA-G SUTEX-HV7360LA-G Datasheet
932Kb / 8P
   High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
More results

Similar Description - HV7360

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
   High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
logo
Sirectifier Semiconduct...
HV7370 SIRECTIFIER-HV7370 Datasheet
840Kb / 7P
   Quad, High Speed, 짹100V 850mA, Ultrasound Damper
logo
Maxim Integrated Produc...
MAX14988 MAXIM-MAX14988 Datasheet
520Kb / 21P
   2.5A Octal Three-Level Digital Pulsers with TR Switches
2014
logo
Supertex, Inc
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
   Three Channel, Three Level, High Speed Ultrasound Driver IC
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
   Two Channel, Five Level, High Speed Ultrasound Driver IC
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
   Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV739DB1 SUTEX-HV739DB1 Datasheet
860Kb / 8P
   HV739 짹100V 3.0A Ultrasound Pulser Demo Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com