Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2601 Datasheet(PDF) 11 Page - Microchip Technology

Part # HV2601
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2601 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HV2601 Datasheet HTML 7Page - Microchip Technology HV2601 Datasheet HTML 8Page - Microchip Technology HV2601 Datasheet HTML 9Page - Microchip Technology HV2601 Datasheet HTML 10Page - Microchip Technology HV2601 Datasheet HTML 11Page - Microchip Technology HV2601 Datasheet HTML 12Page - Microchip Technology HV2601 Datasheet HTML 13Page - Microchip Technology HV2601 Datasheet HTML 14Page - Microchip Technology HV2601 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2015-2016 Microchip Technology Inc.
DS20005391B-page 11
HV2601 / HV2701
Note 1: The 16 switches operate independently.
2: Serial data is clocked in on the L to H transition of the CLK.
3: All 16 switches go to a state retaining their latched condition at the rising edge of LE. When LE is low the
shift registers data flow through the latch.
4: DOUT is high when data in the shift register 15 is high.
5: Shift registers clocking has no effect on the switch states if LE is high.
6: The CLR clear input overrides all other inputs.
FIGURE 3-2:
LOGIC TIMING WAVEFORMS
TABLE 3-1:
LOGIC FUNCTION TABLE
D0
D1
...
D7
D8
...
D15
LE
CLR
SW0
SW1
...
SW7
SW8
...
SW15
L-
...
--
...
-L
L
OFF
-
...
--
...
-
H
-
--
-
L
L
ON
-
--
-
-L
-
-
-L
L-
OFF
-
-
-
-
H
--
-
L
L
-
ON
--
-
-
-
-
-
-
L
L
-
--
--
-
-
-
-
-
L
L
-
--
--
--
L
-
-
L
L
-
-
OFF
-
-
--
H
-
-
L
L
-
-
ON
-
-
-
-
-L
-L
L-
-
-
OFF
-
--
-
H
-
L
L
-
-
-
ON
-
-
-
-
-
-
L
L
-
--
--
-
-
-
-
-
L
L
-
--
--
-
-
-
-
-
L
L
-
--
--
-
-
-
-
-
L
L
-
--
--
--
-
-
L
L
L
-
-
-
-
OFF
--
-
-
H
L
L
-
-
-
-
ON
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
H
ALL SWITCHES OFF
DATA IN
DIN
LE
CLOCK
CLK
DATA OUT
DOUT
OFF
V
OUT
(typ)
ON
CLR
50%
50%
50%
50%
t
WLE
t
SD
t
SU
t
h
50%
50%
t
OFF
50%
t
DO
DO
t
ON
t
WCL
D
N+1
D
N
D
N-1
50%
50%
90%
10%


Similar Part No. - HV2601

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M931 MICROCHIP-HV2601BD-G-M931 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
HV2601BD-G-M936 MICROCHIP-HV2601BD-G-M936 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
logo
Supertex, Inc
HV2601FG-G SUTEX-HV2601FG-G Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
More results

Similar Description - HV2601

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
logo
IXYS Corporation
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
   Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2621 MICROCHIP-HV2621 Datasheet
726Kb / 26P
   300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision A September 2019
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com